Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS139 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT54ACTS139
Description  Dual 2-Line to 4-Line Decoders/Demultiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS139 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT54ACTS139 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS139 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
LOGIC SYMBOL
(9)
2Y3
(2)
1A
(3)
1B
(1)
1G
(14)
2A
(13)
2B
(15)
2G
2
1
(10)
2Y2
(11)
2Y1
(12)
2Y0
(7)
1Y3
(6)
1Y2
(5)
1Y1
(4)
1Y0
X/Y
EN
1
2
0
3
(2)
1A
(3)
1B
(1)
1G
(14)
2A
(13)
2B
(15)
2G
1
0
DMUX
1
2
0
3
(9)
2Y3
(10)
2Y2
(11)
2Y1
(12)
2Y0
(7)
1Y3
(6)
1Y2
(5)
1Y1
(4)
1Y0
Note:
1. Logic symbols in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
G
0
3
---



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com