Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS157 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT54ACS157
Description  Quadruple 2 to 1 Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS157 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT54ACS157 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS157 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
AC ELECTRICAL CHARACTERISTICS 2
(VDD = 5.0V ±10%; VSS = 0V
1, -55
°C < T
C < +125°C); Unless otherwise noted, Tc is per the temperature range ordered.
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for radiation dose
≤ 1E6 rads(Si).
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tPHL
Data to output Yn
2
15
ns
tPLH
Data to output Yn
2
13
ns
tPHL
Strobe to output Yn
2
15
ns
tPLH
Strobe to output Yn
2
12
ns
tPHL
Select to output Yn
2
16
ns
tPLH
Select to output Yn
2
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com