Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT699CEA Datasheet(PDF) 24 Page - Aeroflex Circuit Technology

Part # UT699CEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699CEA Datasheet(HTML) 24 Page - Aeroflex Circuit Technology

Back Button UT699CEA Datasheet HTML 20Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 21Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 22Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 23Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 24Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 25Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 26Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 27Page - Aeroflex Circuit Technology UT699CEA Datasheet HTML 28Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
Figure 4. Power Sequencing and Reset Timing Diagram
4.1.1. Power Sequencing
Proper power sequencing of the UT699 is achieved by bringing up VDD to its recommended minimum operating voltage of 3.0V,
and then delaying tVCD clock cycles before bringing up the VDDC supply. If power is applied to the VDDC supply pins while VDD
is less than 3.0V, excessive current or damage to the device could occur.
4.1.2 Bus Control and Bi-Direct Fail-Safe Circuitry
In order to prevent bus contention on the external memory interface while VDDC is ramping up, the UT699 has functionality to
ensure that the bi-direct and memory bus control signals described in Section 4.1 will be in a high-Z state tVHBZ clock cycles after
VDD reaches 1.5V. The core logic will then put these signals into their valid-inactive states tCHBV clock cycles after VDDC reaches
2.3V.
It is recommended that users place pull-up resistors on the indicated output enable, write enable, and chip select pins, and a pull-
down resistor on the READ pin, if there will be a significant delay between when VDD and VDDC reach their recommended operat-
ing voltages. This will prevent bus capacitance or transients from inadvertently placing these pins in an active state, which could
result in external memory devices driving the address and data buses.
4.1.3 Reset Circuitry
The reset circuitry is controlled by the core logic; therefore, the circuitry is functional only after VDDC reaches its minimum operat-
ing voltage of 2.3V. After VDDC is stable, the system must continue to assert RESET for a minimum of tRESET1 clock cycles before
it can be de-asserted. Asserting RESET for less time could result in the RESET signal not being recognized.
VALID-INACTIVE
VALID-ACTIVE
VALID-INACTIVE
VALID-ACTIVE
tRESET3
tVHBZ
tRESET3
tRESET2
tCHBV
tVHBZ
tRESET1
tVCD
SYSCLK
VDD 3.3V
VDDC 2.5V
RESET
Memory Bus
Tri-State Outputs
Control Signals
OV
OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com