Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

iQG48025A120V-101-R Datasheet(PDF) 2 Page - TDK Electronics

Part # iQG48025A120V-101-R
Description  300-450W Quarter Brick Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iQG48025A120V-101-R Datasheet(HTML) 2 Page - TDK Electronics

  iQG48025A120V-101-R Datasheet HTML 1Page - TDK Electronics iQG48025A120V-101-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
182
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A6: Oct 2015
iQG Series
PIN
Function
PIN
Function
1
Vin (+)
5
None
2
On / Off
6
None
3
Vin (-)
7
None
4
Vout (-)
8
Vout (+)
Pinout
Input
Output
Max.
Max. Output
On/Off
Pin
Base
Model
Voltage (V)
Voltage (V)
Curr. (A)
Power (W)
Polarity
Length
Plate
iQG48047A096V-1D1-R
36 - 75
9.6
47
450
Neg
0.145”
Yes
iQG48025A120V-001-R
36 - 75
12
25
300
Neg
0.145”
No
iQG48025A120V-101-R
36 - 75
12
25
300
Neg
0.145”
Yes
iQG48025A120V-009-R
36 - 75
12
25
300
Neg
0.180”
No
iQG48025A120V-109-R
36 - 75
12
25
300
Neg
0.180”
Yes
iQG48033A120V-109-R
36 - 75
12
33
396
Neg
0.180”
Yes
iQG48033A120V-1D9-R
36 - 75
12
33
396
Neg
0.180”
Yes
iQG48033A120V-101-R
36 - 75
12
33
400
Neg
0.145”
Yes
iQG48033A120V-1D1-R
36 - 75
12
33
400
Neg
0.145”
Yes
iQG48033A120V-009-R
36 - 75
12
33
400
Neg
0.180”
No
iQG48042A120V-109-R
39 - 75
12
42
504
Neg
0.180”
Yes
iQG48042A120V-1U9-R
39 - 75
12
42
504
Neg
0.166”
Yes
Model Selector
Recommended Footprint (Top View)
M3 x 0.5 Threaded Hole
2 places
For baseplate
option
1.57 [0.062] DIA Pin
2.59 [0.102] DIA Stand-off
2 places
1.02 [0.040] DIA Pin
1.83 [0.072] DIA Stand-off
3 places
To avoid damaging
components, do not
exceed 4.32 [0.170]
depth with M3 screw
2 places
Dimensions are in mm [in]. Unless otherwise specified tolerances are: x.x ± 0.5 [0.2], x.xx and x.xxx ± 0.25 [0.010]
Recommended hole pattern (top view)
For Additional Information, please visit
us.tdk-lambda.com/lp/products/iqg-series.htm
Preferred Model



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com