Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC02-SE Datasheet(PDF) 2 Page - Recom International Power

Part # RAC02-SE
Description  2 Watt Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-SE Datasheet(HTML) 2 Page - Recom International Power

  RAC02-SE Datasheet HTML 1Page - Recom International Power RAC02-SE Datasheet HTML 2Page - Recom International Power RAC02-SE Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PA-2
REV.: 0/2015
www.recom-international.com
AC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
230VAC, natural convection and with derating
-40°C to +85°C
Storage Temperature Range
-40°C to +85°C
Humidity
non-condensing
5% - 95%, RH max.
MTBF (3)
MIL-HDBK-217F, 115VAC, +25°C
MIL-HDBK-217F, 230VAC, +25°C
2238 x 106 hours
1 x 106 hours
-40
60
70 75 80
85
90
100
50
40
30
20
10
0
-20
-25
0
20
40
60
50
80
100
Ambient Temperature (°C)
@ 85-140VAC
3.3V and 5V
all other models
-40
60
70
75
80
85
90
100
50
40
30
20
10
0
-20
0
20
40
60
50
80
100
Ambient Temperature (°C)
@ 140-305VAC
all models
Derating Graph
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode clamp
110% - 140%
Over Current Limit
110% - 190%
Isolation Voltage
3kVAC / 1 Minute
Isolation Resistance
1G
Ω min.
Leakage Current
85-305VAC, 47-440Hz
10µA
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
REGULATIONS
Parameter
Condition
Value
Output Voltage Tolerance (2)
±6% max.
Line Voltage Regulation
low line to high line, full load
±1.5% max.
Load Voltage Regulation
2% to 100% load
±6% typ.
RAC02-SE/277/W
Series
Notes:
Note2:
Includes initial voltage accuracy, thermal drift, line regulation and load regulation at rated input voltage and load conditions.
Notes:
Note3:
MTBF is referring RAC02-05SE/277/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com