Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6263G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6263G
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6263G Datasheet HTML 5Page - Infineon Technologies AG TLE6263G Datasheet HTML 6Page - Infineon Technologies AG TLE6263G Datasheet HTML 7Page - Infineon Technologies AG TLE6263G Datasheet HTML 8Page - Infineon Technologies AG TLE6263G Datasheet HTML 9Page - Infineon Technologies AG TLE6263G Datasheet HTML 10Page - Infineon Technologies AG TLE6263G Datasheet HTML 11Page - Infineon Technologies AG TLE6263G Datasheet HTML 12Page - Infineon Technologies AG TLE6263G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
9
2004-06-07
off by disabling the voltage regulator. That allows the total current consumption to drop
down to less than 100 µA.
When a reset occurs, due to false watchdog triggering, the TLE6263 automatically
switches from normal mode or receive-only mode respectively, to the Vbat stand-by
mode. If a watchdog reset occurs in the Vbat stand-by mode the IC remains in this mode.
In sleep mode a wake-up at any of the wake-up inputs as well as via the bus lines
(CANH or CANL) automatically sets the TLE 6263 in Vbat stand-by mode. In the Vbat
stand-by mode a wake-up is monitored by setting the output RxD low. This feature
works as a flag, to indicate a wake event to the microcontroller. To send and to receive
messages, the CAN-transceiver has to be set to normal operation mode by the
microcontroller.
In case the IC shall directly be set back to sleep mode after a wake-up, an internal wake-
flip-flop has to be reseted via the SPI. Therefore IBIT1 has to be set high and then low
again by a second SPI transmission. A transition from the Vbat stand-by mode to the
normal mode or receive-only mode respectively, automatically resets the wake-flip-flop.
6.2
Low Dropout Voltage Regulator
The integrated low dropout voltage regulator is able to drive the internal loads (e.g.
CAN-circuit) as well as external 5V loads. Its output voltage tolerance is better than ±
2%. The maximum output current is limited to 110 mA.
An external reverse current protection is recommended at the pin Vs to prevent the
output capacitor from being discharged by negative transients or low input voltage.
Stability of the output voltage is guaranteed for output capacitors CQ ≥ 100 nF,
nevertheless it is recommended to use capacitors CQ ≥ 10 µF to buffer the output
voltage and therefore improve the reset behavior at input voltage transients.
To stabilize the internal supply a capacitor CVI ≥ 100 nF directly connected to the pin VCI
is required.
6.3
CAN Transceiver
The TLE 6263 is optimized for low speed data transmission up to 125 kBaud in
automotive applications. Figure 4 shows the principle configuration of a CAN
network.Normally a differential signal is transmitted and received respectively. When a
bus wiring failure (see table 2) is detected the device automatically switches to a
dedicated CANH or CANL single-wire mode to maintain the communication if
necessary. Further a receive-only mode is implemented that allows a separate CAN
node diagnosis. During normal and RxD-only mode, RTL is switched to VCC and RTH
to GND. During Vbat stand-by and the cyclic wake mode, RTL is switched to VS and RTH
to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com