Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6285 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6285
Description  LIN-Transceiver LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6285 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6285 Datasheet HTML 11Page - Infineon Technologies AG TLE6285 Datasheet HTML 12Page - Infineon Technologies AG TLE6285 Datasheet HTML 13Page - Infineon Technologies AG TLE6285 Datasheet HTML 14Page - Infineon Technologies AG TLE6285 Datasheet HTML 15Page - Infineon Technologies AG TLE6285 Datasheet HTML 16Page - Infineon Technologies AG TLE6285 Datasheet HTML 17Page - Infineon Technologies AG TLE6285 Datasheet HTML 18Page - Infineon Technologies AG TLE6285 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Target Data
TLE 6285
Version 1.02
15
2002-05-15
Reset Generator (pins RO,RD)
Switching threshold
Vrt
4.50
4.60
4.80
V
–
Reset pull up
RRO
10
20
40
k
W
–
Reset low voltage
VR
–0.17
0.40
V
VQ < 4.5 V; internal
RRO; IR =1 mA
External reset pull up
VR ext
5.6
–
–
k
W
Pull up resistor to Q
Delay switching threshold
VDT
1.5
1.85
2.2
V
–
Switching threshold
VST
0.40
0.50
0.60
V
–
Reset delay low voltage
VD
––0.1
V
VQ < VRT
Charge current
Ich
4.0
8.0
12.0
mA
VD =1V
Reset delay time
td
17
28
35
ms
CD =100 nF
Reset reaction time
trr
0.5
1.2
3.0
ms
CD =100 nF
Reset adjust switching
threshold
VRADJ TH 1.26
1.36
1.44
V
VQ >3.5 V
Inhibit Input (pin INHI)
Inhibit OFF voltage range
VINH
OFF
––
0.8
V
VQ off
Inhibit ON voltage range
VINH ON 3.5
–
–
V
VQ on
High input current
IINH ON
–3
5
mA
VINHI = 5 V
Low input current
IINH OFF –0.5
2
mA
VINHI = 0 V
Note: The reset output is low within
the range VQ = 1 V to VQ,rt
1)Drop voltage = Vi – VQ (measured
when the output voltage has
dropped 100 mV
from the nominal value obtained at
6 V input)
3.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0V < VS <20 V; RL =1 kW; VEN > VEN,ON; -40 °C < Tj < 125 °C; all voltages with
respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
min. typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com