Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS00E Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS00E
Description  Quadruple 2-Input NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS00E Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS00E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS00E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
36-00-04-007
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
UT54ACTS00E
Quadruple 2-Input NAND Gates
April 2015
www.aeroflex.com/Logic
Datasheet
FEATURES
•
0.6μm CRH CMOS process
- Latchup immune
• High speed
• Low power consumption
• Wide power supply operating range from 3.0V to 5.5V
• Available QML Q or V processes
• 14-lead flatpack
• UT54ACTS00E - SMD 5962-96513
DESCRIPTION
The UT54ACTS00E is a performance and voltage enhanced
version of the UT54ACTS00 quadruple, two-input NAND gate.
The circuit performs the Boolean functions Y = A
⋅B or Y = A
+ B in positive logic.
The device is characterized over full military temperature range
of -55
°C to +125°C.
FUNCTION TABLE
PINOUT
14-Lead Flatpack
TopView
LOGIC SYMBOL
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
Y
H
H
L
L
X
H
X
L
H
VDD
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
VSS
114
213
312
411
510
69
78
Y1
(3)
(6)
Y2
Y3
(8)
(11)
Y4
(1)
A1
(2)
B1
(4)
A2
(5)
B2
(9)
A3
(10)
B3
(12)
A4
(13)
B4
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
&
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2


Similar Part No. - UT54ACTS00E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS00 AEROFLEX-UT54ACTS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
More results

Similar Description - UT54ACTS00E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
Quadruple 2-Input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com