Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS20E Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACTS20E
Description  Dual 4-Input NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS20E Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACTS20E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS20E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
36-00-04-003
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
AC ELECTRICAL CHARACTERISTICS FOR THE UT54ACTS20E2
(VDD = 3.0V to 5.5V; VSS = 0V
1, -55
°C < T
C < +125°C);
Notes:
1. Maximum allowable relative shift equals 50mV.
2. For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25°C per MIL-STD-883, method 1019, condition
A up to the maximum TID level producred.
SYMBOL
PARAMETER
CONDITION
VDD
MINIMUM
MAXIMUM
UNIT
tPLH
Input to Yn
CL = 50pF
4.5V to 5.5V
1
6
ns
3.0V to 3.6V
1
9.5
tPHL
Input to Yn
CL = 50pF
4.5V to 5.5V
1
7.5
ns
3.0V to 3.6V
1
10.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com