Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS74E Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT54ACTS74E
Description  Dual D Flip-Flops with Clear and Preset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS74E Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  UT54ACTS74E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS74E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AC ELECTRICAL CHARACTERISTICS FOR THE UT54ACTS74E2
( VDD = 3.0V to 5.5V; VSS = 0V
1; -55
C < T
C < +125C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for radiation dose
 1E6 rads(Si) per MIL-STD-883 Method 1019.
SYMBOL
PARAMETER
CONDITION
VDD
MINIMUM
MAXIMUM
UNIT
tPHL1
CLK
 to Q, Q
CL = 50pF
3.0V to 3.6V
3
30
ns
4.5V to 5.5V
3
14
tPLH1
CLK
to Q, Q
CL = 50pF
3.0V to 3.6V
3
20
ns
4.5V to 5.5V
2
11
tPHL2
PRE to Q
CL = 50pF
3.0V to 3.6V
4
30
ns
4.5V to 5.5V
3
15
tPLH2
PRE to Q
CL = 50pF
3.0V to 3.6V
3
20
ns
4.5V to 5.5V
3
12
tPHL3
CLR to Q
CL = 50pF
3.0V to 3.6V
4
30
ns
4.5V to 5.5V
3
15
tPLH3
CLR to Q
CL = 50pF
3.0V to 3.6V
3
21
ns
4.5V to 5.5V
2
12
fMAX
Maximum clock frequency
CL = 50pF
3.0V to 3.6V
100
MHz
4.5V to 5.5V
125
tSU1
Data setup time before CLK
CL = 50pF
3.0V to 3.6V
4
ns
4.5V to 5.5V
3
tSU2
PRE or CLR inactive
Setup time before CLK
CL = 50pF
3.0V to 3.6V
1
ns
4.5V to 5.5V
1
tH
Data hold time after CLK
CL = 50pF
3.0V to 3.6V
0
ns
4.5V to 5.5V
0
tW1
Minimum pulse width
CLK high or low
CL = 50pF
3.0V to 3.6V
5
ns
4.5V to 5.5V
4
tW2
Minimum pulse width
PRE or CLR low
CL = 50pF
3.0V to 3.6V
5
ns
4.5V to 5.5V
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com