Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700E-SPA Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT700E-SPA
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700E-SPA Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT700E-SPA Datasheet HTML 1Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 2Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 3Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 4Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 5Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 6Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 7Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 8Page - Aeroflex Circuit Technology UT700E-SPA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
1.0 Introduction
The UT700 LEON 3FT processor is based upon the industry-standard SPARC V8 architecture. The system-on-chip incorporates the
SPARC V8 core and the peripheral blocks indicated below. The core and peripherals communicate internally via the AMBA
(Advanced Microcontroller Bus Architecture) interconnect. This bus is comprised of the AHB (Advanced High-speed Bus) which is
used for high-speed data transfer, and the APB (Advanced Peripheral Bus) which is used for low-speed data transfer.
Figure 1. UT700 Functional Block Diagram
The LEON 3FT architecture includes the following peripheral blocks:
•
LEON3 SPARC V8 integer unit with 16kB instruction cache and 16kB of data cache
•
IEEE-754 floating point unit
•
Debug support unit
•
UART, JTAG, SpaceWire, PCI, and Ethernet debug links
•
8/16/32-bit memory controller with BCH EDAC for external PROM and SRAM
•
32-bit SDRAM controller with Reed Solomon EDAC for external SDRAM
•
Timer unit with three 32-bit timers and watchdog
•
Interrupt controller for 15 interrupts in two priority levels
•
16-bit general purpose I/O port (GPIO) which can be used as external interrupt sources
•
Up to four SpaceWire links with RMAP on all channels
•
MIL-STD-1553 interface supports BC/RT/MT
•
Up to two CAN controllers
•
Ethernet with support for MII
•
cPCI interface with 8-channel arbiter
Debug
Support
Unit
JTAG
Debug
Link
LEON 3FT
IEEE-754
FPU
MUL/DIV
MMU
4x4kB
Data Cache
4x4kB
Instr Cache
AHB Interface
SpW w/
RMAP
(4)
PCI
Bridge
Ethernet
MAC
CAN
(2)
SPI
MIL-
STD-
1553
AHB
Controller
AHB/APB
Bridge
FT Memory
Controller
APB
UART
Timers
(4)
INT
Ctrl
GPIO
Clock
Gating
512MB
PROM
256MB
I/O
Up to
1GB
SRAM
Up to
1GB
SDRAM
AMBA AHB
AMBA APB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com