Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS164 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS164
Description  8-Bit Shift Registers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS164 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS164 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS164 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS164/UT54ACTS164
8-Bit Shift Registers
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
AND-gated (enable/disable) serial inputs
Fully buffered clock and serial inputs
Direct clear
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS164 - SMD 5962-96556
UT54ACTS164 - SMD 5962-96557
DESCRIPTION
The UT54ACS164 and the UT54ACTS164 are 8-bit shift reg-
isters which feature AND-gated serial inputs and an asynchro-
nous clear. The gated serial inputs (A and B) permit complete
control over incoming data. A low at either input inhibits entry
of new data and resets the first flip-flop to the low level at the
next clock pulse. A high-level at both serial inputs sets the first
flip-flop to the high level at the next clock pulse. Data at the
serial inputs may be changed while the clock is high or low,
providing the minimum setup time requirements are met. Clock-
ing occurs on the low-to-high-level transition of the clock input.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
Notes:
1. QA0, QB0, QH0 = the level of QA, QB or QH, respectively, before the indicated
steady-state input conditions were established.
2. QAn and QGn = the level of QA or QG before the most recent ↑ transition of
the clock; indicates a one-bit shift.
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUTS
CLR
CLK
A
B
QA
QB ... QH
L
X
X
X
L
L
L
H
L
X
X
QA0
QB0
QH0
H
↑
H
H
H
QAn
QGn
H
↑
L
X
L
QAn
QGn
H
↑
X
L
L
QAn
QGn
1
2
3
4
5
7
6
14
13
12
11
10
8
9
A
B
QA
QB
QC
QD
VSS
VDD
QH
QG
QF
QE
CLR
CLK
1
2
3
4
5
7
6
14
13
12
11
10
8
9
VDD
QH
QG
QF
QE
CLR
CLK
A
B
QA
QB
QC
QD
VSS
(9)
CLR
(8)
CLK
R
1D
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
(1)
A
(2)
B
(3)
QA
SRG8
&
(4)
QB
(5)
QC
(6)
QD
(10)
QE
(11)
QF
(12)
QG
(13)
QH
C1/


Similar Part No. - UT54ACTS164

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS164E AEROFLEX-UT54ACTS164E Datasheet
158Kb / 9P
8-Bit Shift Registers
More results

Similar Description - UT54ACTS164

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
8-bit Shift Registers
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
8-bit Shift Registers
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
8-BIT SHIFT REGISTERS
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
8-Bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
8-Bit Shift Registers
logo
Texas Instruments
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com