Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1208785 Datasheet(PDF) 7 Page - SICK AG

Part # 1208785
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1208785 Datasheet(HTML) 7 Page - SICK AG

  1208785 Datasheet HTML 1Page - SICK AG 1208785 Datasheet HTML 2Page - SICK AG 1208785 Datasheet HTML 3Page - SICK AG 1208785 Datasheet HTML 4Page - SICK AG 1208785 Datasheet HTML 5Page - SICK AG 1208785 Datasheet HTML 6Page - SICK AG 1208785 Datasheet HTML 7Page - SICK AG 1208785 Datasheet HTML 8Page - SICK AG 1208785 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SAS4-F012N3PS1T00 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
7
Muting 5)
Invert second
switching output
Standard values 4)
Pushbutton lock
Auto-teach 3)
Invert switching
output
Alignment aid 2)
Q
ON
3
2
1
Q
ON
3
2
1
Press teach button > 5 s.
The light grid switches into the
configuration mode – menu item
“cross beam/parallel beam”.
The first green LED from top
flashes.
1. Light grid in RUN mode,
green LED “ON”
illuminates, yellow LED
“Q” illuminates.
The other menu items in sequence of the menu setting of the light grid
4. Exit the configuration
mode.
2. Cross or parallel beam
set up. 1)
3. Go to the next menu item.
Press teach button for 1 s to 5 s
to switch to the next menu item
(in this case “alignment aid”).
oder
3 = Press teach button > 5 s,
save parameters.
4 = Wait > 30 s,
parameters not saved.
Func
Q
ON
3
2
1
> 5 s
< 1 s
1 = Yellow LED on,
“Crossed beam” active.
2 = Yellow LED off,
“Parallel beam” active.
Press teach button < 1 s to
switch between the settings.
Q
ON
3
2
1
1
3
Q
ON
3
2
1
2
4
1 s ... 5 s
> 5 s
> 30 s
active
Q
ON
3
2
1
inactive
Q
ON
3
2
1
Q
Q
ON
3
2
1
Q1
Q
Q
ON
3
2
1
active
inactive
Q
ON
3
2
1
Q
ON
3
2
1
Q1
Q2
Q2
AUTO
TEACH
AUTO
TEACH
active
inactive
Q
ON
3
2
1
Q
ON
3
2
1
active
inactive
Q
ON
3
2
1
Q
ON
3
2
1
active
inactive
Q
ON
3
2
1
Q
ON
3
2
1
Q
ON
3
2
1
Q2
Q2
MUTING
MUTING
Q
ON
3
2
1
If the teach button is pressed longer than 5 s, you switch into the configuration mode. In the configuration mode the menu items
are indicated by the green LEDs. If the teach button is then pressed for < 1 s, the respective function is activated or reset (yellow
LED on or off). If the teach button is pressed for 1 s to 5 s long, you switch to the next menu item. To exit the configuration mode,
press the teach button for > 5 s or wait for 30 s.
1)
Configure the light grid in a 3-way cross-beam or a parallel-oriented operating principle. The cross beam can be used to improve the resolution in the middle detection area. Objects up to a size
of 25 mm can be detected. The response time increases.
2)
The alignment aid is recommended for applications with high ranges. The signal strength of the receiver is permanently displayed by four green alignment LEDs. Depending on the strength,
the number of illuminated LEDs differ. When reception is strong, all four LEDs illuminate. The alignment aid must be deactivated again after alignment.
3)
After commissioning (power on), the switching threshold is taught in automatically. No object should be between the sender and receiver during this process.
4)
With standard values “active” all parameters are reset to the delivery state.
5)
If a beam is interrupted permanently, it disappears after > 60 s, and the switching output Q1 is enabled again. If a second switching output is present, it remains inactive.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com