Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1217023 Datasheet(PDF) 4 Page - SICK AG

Part # 1217023
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1217023 Datasheet(HTML) 4 Page - SICK AG

  1217023 Datasheet HTML 1Page - SICK AG 1217023 Datasheet HTML 2Page - SICK AG 1217023 Datasheet HTML 3Page - SICK AG 1217023 Datasheet HTML 4Page - SICK AG 1217023 Datasheet HTML 5Page - SICK AG 1217023 Datasheet HTML 6Page - SICK AG 1217023 Datasheet HTML 7Page - SICK AG 1217023 Datasheet HTML 8Page - SICK AG 1217023 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SGS4-S092P7TS2T00 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
Sxx-Sxxxxxxx2xxx
12.4 (0.49)
M8
Ø 9 (0.35)
6.4
(0.25)
1.4 (0.06)
x 45°
36.5 (1.44)
18.5
(0.73)
2
3
5
4
7
7
1
6
Slim, with stabilizer
Receiver
Sender
Sender
8
①  First beam
②  Last beam
③  Beam separation (RM)
④  Number of beams (n)
⑤  Detection height (DH)
⑥  Connection
⑦  Same distance
⑧  Number of mounting holes (m)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com