Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR2C04A Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button OR2C04A Datasheet HTML 9Page - Lattice Semiconductor OR2C04A Datasheet HTML 10Page - Lattice Semiconductor OR2C04A Datasheet HTML 11Page - Lattice Semiconductor OR2C04A Datasheet HTML 12Page - Lattice Semiconductor OR2C04A Datasheet HTML 13Page - Lattice Semiconductor OR2C04A Datasheet HTML 14Page - Lattice Semiconductor OR2C04A Datasheet HTML 15Page - Lattice Semiconductor OR2C04A Datasheet HTML 16Page - Lattice Semiconductor OR2C04A Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
Lattice Semiconductor
13
Data Sheet
January 2002
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
Synchronous Memory Modes—SSPM and SDPM
The MA/MB asynchronous memory modes described
previously allow the PFU to perform as a 16 x 4
(64 bits) single-port RAM. Synchronously writing to this
RAM requires the write-enable control signal to be
gated with the clock in another PFU to create a write
pulse. To simplify this functionality, the Series 2 devices
contain a synchronous single-port memory (SSPM)
mode, where the generation of the write pulse is done
in each PFU.
With SSPM mode, the entire LUT becomes a 16 x 4
RAM, as shown in Figure 14. In this mode, the input
ports are write enable (WE), write-port enable (WPE),
read/write address (A[3:0]), and write data (WD[3:0]).
To synchronously write the RAM, WE (input into a4)
and WPE (input into either C0 or CIN) are latched and
ANDed together. The result of this AND function is sent
to a pulse generator in the LUT, which writes the RAM
synchronous to the RAM clock. This RAM clock is the
same one sent to the PFU latches/FFs; however, if nec-
essary, it can be programmably inverted.
5-4642(F).r1
Figure 14. SSPM Mode—16 x 4 Synchronous
Single-Port Memory
The write address (WA[3:0]) and write data (WD[3:0])
are also latched by the RAM clock in order to simplify
the timing. Reading data from the RAM is done asyn-
chronously; thus, the read address (RA[3:0]) is not
latched. The result from the read operation is placed on
the LUT outputs (F[3:0]). The F[3:0] data outputs can
be routed out of the PFU or sent to the latch/FF D[3:0]
inputs.
There are two ways to use the latches/FFs in conjunc-
tion with the SSPM. If the phase of the latch/FF clock
and the RAM clock are the same, only a read address
or write address can be supplied to the RAM that
meets the synchronous timing requirements of both
the RAM clock and latch/FF clock. Therefore, either a
write to the RAM or a read from the RAM can be done
in each clock cycle, but not both. If the RAM clock is
inverted from the latch/FF clock, then both a write to
the RAM and a read from the RAM can occur in each
clock cycle. This is done by adding an external write
address/read address multiplexer as shown in
Figure 15.
The write address is supplied on the phase of the clock
that allows for setup to the RAM clock, and the read
address is supplied on the phase of the clock that
allows the read data to be set up to the latch/FF clock.
If a higher-speed RAM is required that allows both a
read and write in each clock cycle, the synchronous
dual-port memory mode (SDPM) can be used, since it
does not require the use of an external multiplexer.
5-4644(F).r1
Figure 15. SSPM with Read/Write per Clock Cycle
WE
WPE
A4
DQ
DQ
CIN, C0
A[3:0]
WD[3:0]
WR
WA[3:0]
RA[3:0]
WD[3:2]
HLUTA
F3
F2
DQ
DQ
WR
WA[3:0]
RA[3:0]
WD[1:0]
HLUTB
F1
F0
WRITE PULSE
GENERATOR
A[3:0], B[3:0]
WD[3:0]
WE
A
WD
RAM CLK
WRITE ADDRESS
READ ADDRESS
0
1
WPE
SSPM
CLOCK
DQ
PFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com