Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT8R128K32 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT8R128K32
Description  UT8R128K32 128K x 32 SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8R128K32 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT8R128K32 Datasheet HTML 1Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
PIN NAMES
DEVICE OPERATION
The UT8R128K32 has six control inputs called Chip Enable 1
(E1), Chip Enable 2 (E2), Write Enable (W), Half-word Enables
(HHWE/LHWE) and Output Enable (G); 17 address inputs,
A(16:0); and 32 bidirectional data lines, DQ(15:0). E1 and E2
chip enables control device selection, active, or standby modes.
Asserting E1 and E2 enables the device, causes IDD to rise to its
active value, and decodes the 17 address inputs to select one of
131,072 words in the memory. W controls read and write
operations. During a read cycle, G must be asserted to enable
the outputs.
Table 1. Device Operation Truth Table
Notes:
1. “X” is defined as a “don’t care” condition.
2. Device active; outputs disabled.
A(16:0)
Address
W
Write Enable
DQ(31:0)
Data Input/Output
G
Output Enable
E1
Chip Enable 1
(Active Low)
VDD1
Power (1.8V)
E2
Chip Enable 2
(Active High)
VDD2
Power (3.3V)
HHWE
LWHE
High half-word enable
Low half-word enable
VSS
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
Top View
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VSS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
VSS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
Figure 2. 15ns SRAM Pinout (68)
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
G
W
E2
E1
LHWE
HHWE
I/O Mode
Mode
X
X
X
H
X
X
DQ(31:16)
3-State
DQ(15:0)
3-State
Standby
X
X
L
X
X
X
DQ(31:16)
3-State
DQ(15:0)
3-State
Standby
L
H
H
L
L
H
DQ(31:16)
3-State
DQ(15:0)
Data Out
Low Half-Word
Read
L
H
H
L
H
L
DQ(31:16)
Data Out
DQ(15:0)
3-State
High Half-Word
Read
L
H
H
L
L
L
DQ(31:16)
Data Out
DQ(15:0)
Data Out
Word Read
X
L
H
L
L
L
DQ(31:16)
Data In
DQ(15:0)
Data In
Word Write
X
L
H
L
L
H
DQ(31:16)
3-State
DQ(15:0)
Data In
Low Half-Word
Write
X
L
H
L
H
L
DQ(31:16)
Data In
DQ(15:0)
3-State
High Half-Word
Write
H
H
H
L
X
X
DQ(31:16)
DQ(15:0)
All 3-State
3-State
X
X
H
L
H
H
DQ(31:16)
DQ(15:0)
All 3-State
3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com