Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS283 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS283
Description  4-Bit Binary Full Adders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS283 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS283 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS283 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Standard Products
UT54ACS283/UT54ACTS283
4-Bit Binary Full Adders
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS283- SMD 5962-96584
UT54ACTS283 - SMD 5962-96585
DESCRIPTION
The UT54ACS283 and the UT54ACTS283 are 4-bit binary ad-
ders. The adders perform addition of two 4-bit binary words.
The sum (
∑) outputs are provided for each bit and the resultant
carry (C4) is obtained as the fifth bit. The adders feature full
internal look-ahead across all four bits for fast carry generation.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
LOGIC SYMBOL
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
0
(1)
Σ
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
(5)
A1
(3)
A2
(14)
A3
(12)
A4
3
(6)
B1
0
(2)
B2
(15)
B3
(11)
B4
3
(7)
C0
C1
(4)
Σ1
P
Q
Σ2
(10)
(13)
Σ3
Σ4
0
3
(9)
C4
C0
1
2
3
4
5
7
6
16
15
14
13
12
10
11
B2
A2
Σ1
A1
B1
C0
VDD
B3
A3
Σ3
A4
B4
Σ4
8
9
VSS
C4
Σ2
1
2
3
4
5
7
6
16
15
14
13
12
10
11
89
B2
A2
Σ1
A1
B1
C0
VSS
Σ2
VDD
B3
A3
Σ3
A4
B4
Σ4
C4


Similar Part No. - UT54ACTS283

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS280 AEROFLEX-UT54ACTS280 Datasheet
258Kb / 10P
9-Bit Parity Generators/Checkers
More results

Similar Description - UT54ACTS283

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS283 HITACHI-HD74LS283 Datasheet
81Kb / 7P
4-bit Binary Full Adders
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_08 Datasheet
785Kb / 16P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI-SN54283_08 Datasheet
490Kb / 10P
4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Aeroflex Circuit Techno...
UT54ACS283E AEROFLEX-UT54ACS283E Datasheet
168Kb / 9P
4-Bit Binary Full Adders
logo
Texas Instruments
SN54HC283 TI1-SN54HC283_08 Datasheet
147Kb / 7P
4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI1-SN54F283_14 Datasheet
482Kb / 16P
4-BIT BINARY FULL ADDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com