Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT807ATH Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT807ATH
Description  Fast CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT807ATH Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT807ATH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS7008C
06/26/01
Fast CMOS Clock Driver
ProductPinConfiguration
ProductPinDescription
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT807T
PI49FCT2807T
ProductFeatures
• Guaranteed low skew: 0.25ns
• Low input capacitance
• Minimum duty cycle distortion
• 1:10 fanout
• High speed: 3.5ns propagation delay
• TTL input and CMOS output compatible
–VOH=3.3V(typ.)
–VOL =0.3V(typ.)
• Packages available:
–20-pin300milwideSOIC(S)
–20-pin150milwideQSOP(Q)
–20-pin209milwdeSSOP(H)
• Industrial Operation at -40ºC to +85ºC
ProductDescription
Pericom Semiconductor’s PI49FCT series of logic circuits are
produced using the Company’s advanced 0.8 micron CMOS
technology, achieving industry leading speed grades.
The PI49FCT807T and PI49FCT2807T clock drivers feature one
input and ten outputs. The large fanout from a single input line
reduces loading on input clock. TTL level outputs reduce noise
levels on the part. Typical applications are clock and signal
distribution.
The PI49FCT2807T also features a 25-ohm on-chip resistor for
lower noise.
VCC
A
120
B9
GND
219
B8
B0
318
GND
VCC
417
B7
B1
516
VCC
GND
615
B6
B2
714
GND
VCC
813
B5
B3
912
B4
GND
10
11
B0
A
B1
B2
B3
B4
B5
B6
B7
B8
B9
20-Pin
H,Q,R
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
At
u
p
n
I
9
B
–
0
Bst
u
p
t
u
O
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P


Similar Part No. - PI49FCT807ATH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT804ATP PERICOM-PI49FCT804ATP Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT804TP PERICOM-PI49FCT804TP Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT805ATH PERICOM-PI49FCT805ATH Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
PI49FCT805ATQ PERICOM-PI49FCT805ATQ Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT807ATH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT162344AT IDT-IDT74FCT162344AT Datasheet
124Kb / 8P
FAST CMOS ADDRESS/ CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
3.3V Fast CMOS Clock Driver
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com