Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8657 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8657
Description  Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8657 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8657 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8657 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCD8657 Rev K
Manufactured using
Space Qualified RH1086 die
Radiation performance
- Total dose
> 100 krad (Si)
Two-Independent voltage regulators
Thermal shutdown
Output voltage adjustable: 1.25V to 23V
Dropout voltage: 1.3V at 1.0Amp
3-Terminal
Output current: 1.0Amp
Voltage reference: 1.25V +2%, -3.2%
Load regulation: 0.3% max
Line regulation: 0.25% max
Ripple rejection: >60dB
Packaging – Hermetic metal
- Thru-hole or Surface mount
- 6 Leads, .655"L x .415"W x .200"Ht
- Power package
- Weight - 5 gm max
Designed for aerospace and high reliability space
applications
DESCRIPTION
The Aeroflex Plainview VRG8657/8658 consists of two Positive Adjustable (RH1086) LDO voltage regulators each
capable of supplying 1.0Amps over the output voltage range as defined under recommended operating conditions. The
VRG8657/8658 offers excellent line and load regulation specifications and ripple rejection. There is full electrical
isolation between the regulators and each regulator to the package.
The VRG8657/8658 serves a wide variety of applications including SCSI-2 Active Terminator, High Efficiency
Linear Regulators, Post Regulators for Switching Supplies, Constant Current Regulators, Battery Chargers and
Microprocessor Supply.
The VRG8657/8658 has been specifically designed to meet exposure to radiation environments. The VRG8657 is
configured for a Thru-Hole 6 lead metal power package and the VRG8658 is configured for a Surface Mount 6 lead
metal power package. It is guaranteed operational from -55°C to +125°C. Available screened to MIL-STD-883, the
VRG8657/8658 is ideal for demanding military and space applications.
Dropout (VIN - VOUT) decreases at lower load currents for both regulators.
Radiation Tolerant
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
May 15, 2012
www.aeroflex.com/voltreg
Standard Products
FEATURES
VRG8657/VRG8658
Dual Voltage Regulator, 1.0 Amp, Positive
5
VIN
ADJ
VOUT
4
3
VIN
ADJ
VOUT
1
2
6
RH1086
Positive
Regulator
RH1086
Positive
Regulator
Low Dropout (LDO), Adjustable
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.


Similar Part No. - VRG8657

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8653-201-1S AEROFLEX-VRG8653-201-1S Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8653-201-2S AEROFLEX-VRG8653-201-2S Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8653-7 AEROFLEX-VRG8653-7 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8653-901-1S AEROFLEX-VRG8653-901-1S Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
More results

Similar Description - VRG8657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com