Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8660 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8660
Description  Adjustable Regulator Positive Voltage Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8660 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8660 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD8660 Rev F
Manufactured using
Space Qualified RH117 die
Radiation performance
- Total dose:
>100 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- ELDRS:
> 50 krads(Si), Dose rate =
0.01 rads(Si)/s
Thermal shutdown
Output voltage adjustable: 1.25V to 37V
3-Terminal
Output current: 1.5A
Voltage reference: 1.25V ±4%
Load regulation: 1.9% max
Line regulation: 0.06%/V max
Ripple rejection: >66dB
Packaging – Hermetic Ceramic
- SMD-0.5 Surface mount
- 3 Pads, .400"L x .296"W x .120"Ht
- Power package
- Weight - 2 gm max
Designed for aerospace and high reliability space applications
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
DESCRIPTION
The Aeroflex Plainview VRG8660 consists of a Positive Adjustable (RH117) voltage regulator capable of supplying
1.5Amps over the output voltage range as defined under recommended operating conditions. The VRG8660 offers
excellent line and load regulation specifications and ripple rejection. The VRG8660 serves a wide variety of
applications including High Efficiency Linear Regulators, Post Regulators for Switching Supplies, Constant Current
Regulators, Battery Chargers and Microprocessor Supply.
The VRG8660 has been specifically designed to meet exposure to radiation environments and is configured for a
SMD-0.5 SMT power package. It is guaranteed operational from -55°C to +125°C. Available screened to
MIL-STD-883, the VRG8660 is ideal for demanding military and space applications.
Dropout (VIN - VOUT) decreases at lower load currents.
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
April 12, 2012
www.aeroflex.com/voltreg
Standard Products
FEATURES
2
VIN
ADJ
VOUT
3
1
RH117
Positive
Regulator
Radiation Tolerant
Standard Products
VRG8660
Adjustable Regulator
Positive Voltage


Similar Part No. - VRG8660

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662-201-1S AEROFLEX-VRG8662-201-1S Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662-201-2S AEROFLEX-VRG8662-201-2S Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662-7 AEROFLEX-VRG8662-7 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662-901-1S AEROFLEX-VRG8662-901-1S Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
More results

Similar Description - VRG8660

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
2000 02
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
Dual Adjustable Positive Voltage Regulators Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com