Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8654-7 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8654-7
Description  Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8654-7 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8654-7 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SCD8653 Rev D 4/10/14
Aeroflex Plainview
RH1185 Negative LDO section only 9/
Reference Voltage
(At pin 6) 2/
VREF
1mA < IOUT < 3A, VIN - VOUT = 1.2V to 28V, VOUT = -5V -2.29
-2.45
V
Dropout Voltage 2/, 6/
VDROP
IOUT = 0.5A, VOUT = -5V
-0.425
V
IOUT = 3A, VOUT = -5V
-1.05
V
Line Regulation 2/, 10/1.0V < VIN - VOUT < 20V, VOUT = -5V
-
0.02
%/V
Load Regulation 2/, 10/5mA < IOUT < 3A, VIN - VOUT = 1.5V to 10V, VOUT = -5V
-
0.8
%
Minimum Input Voltage 2/,
7/
VIN MIN IOUT = 3A , VOUT = VREF
-
-4.50
V
Internal Current Limit (See
Graph for Guaranteed
Curve - See Figure 6) 2/,
13/
ICL
1.5V < VIN - VOUT < 10V
3.3
4.55
A
VIN - VOUT = 15V
2.0
4.5
A
VIN - VOUT = 20V
1.0
3.1
A
External Current Limit 2/
ILIM
RLIM = 5K
, (VIN - VOUT) = 1.5V 12/
2.7
3.7
A
RLIM = 15K
, (VIN - VOUT) = 1.5V 12/
0.9
1.6
A
Quiescent Supply Current
2/, 8/
IQ
IOUT = 5mA, VOUT = VREF, -4V < VIN < -25V
-
3.5
mA
Supply Current
Change with Load 2/
IQ
VIN – VOUT = VSAT 11/-
35
mA/A
VIN – VOUT
2V
-21
mA/A
Ripple Rejection
-
IOUT = 0.5A, VIN - VOUT = 3V, f = 120Hz,
60
-
dB
Notes
1/ The manufacturer’s output current rating for the RH1084MK positive regulator integrated circuit is 5.0 Amps. For Compliance
with the Current Density specification of MIL-STD-883 Rev. C, the electrical performance characteristics are specified at an
output current of 3.0 Amps.
2/ Specification derated to reflect total dose exposure to 100krads (Si) at +25°C.
3/ Line and load regulation are guaranteed up to the maximum power dissipation of 25W. Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over the
full input/output voltage range.
4/ Dropout voltage is specified over the full output current range of the device.
5/ Not tested. Shall be guaranteed by design, characterization, or correlation to other tested parameters.
6/ Dropout voltage is tested by reducing input voltage until the output drops 1% below its nominal value. Tests are done at 0.5A
and 3A. The power transistor looks basically like a pure resistance in this range so that minimum differential at any
intermediate current can be calculated by interpolation; VDROPOUT = 0.25V + (0.25
 x IOUT). For load current less than 0.5A,
see Figure 4.
7/ “Minimum input voltage” is limited by base emitter voltage drive of the power transistor section, not saturation as measured in
Note 6. For output voltages below 4V, “minimum input voltage” specification may limit dropout voltage before transistor
saturation limitation.
8/ Supply current is measured on the ground pin, and does not include load current, RLIM, or output divider current.
9/ The 25W power level is guaranteed for an input-output voltage of 8.3V to 17V. At lower voltages the 3A limit applies, and at
higher voltages the internal power limiting may restrict regulator power below 25W.
10/ Line and load regulation are measured on a pulse basis with a pulse width of 2ms, to minimize heating. DC regulation will be
affected by thermal regulation and temperature coefficient of the reference.
11/VSAT is the maximum specified dropout voltage; 0.25V +(0.25
 x IOUT).
12/ Current limit is programmed with a resistor from REF pin to GND pin. RLIM = 15K
/ILIM.
13/ Pulsed @ <10% duty cycle @ +25°C
ELECTRICAL PERFORMANCE CHARACTERISTICS (continued)
UNLESS OTHERWISE SPECIFIED: -55°C
TC+125°C
Parameter
Symbol
Conditions (P
PMAX)
Min
Max
Units
VOUT
VIN
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com