Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8697-7 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # VRG8697-7
Description  Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8697-7 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  VRG8697-7 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8697-7 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.aeroflex. com / Hi R e l
info -am s @ a ero f le x.c o m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the Export Administration Regulations (EAR), 15 CFR Parts 730-774.
A license from the Department of Commerce may be required prior to the export of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
LT, LTC
,
, Linear Technology and the Linear logo are registered trademarks and RH3083 is copyright Linear Technology Corporation.
7
SCD8697 Rev E 12/10/15
For detailed performance characteristic curves, applications information and typical applications see the latest
datasheet for their LT3083 and RH3083, which is available on-line at www.linear.com.
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
VRG8697-7
-
Commercial Flow, +25°C testing only
8-Lead
Thru-Hole
Power Pkg
VRG8697-901-1S
5962R1420201KUC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8697-901-2S
5962R1420201KUA
VRG8698-7
Commercial Flow, +25°C testing only
8-Lead
Surface-Mount
Power Pkg
VRG8698-901-1S
5962R1420201KZC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8698-901-2S
5962R1420201KZA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com