Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL70003ASEH
Description  Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003ASEH Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL70003ASEH Datasheet HTML 17Page - Intersil Corporation ISL70003ASEH Datasheet HTML 18Page - Intersil Corporation ISL70003ASEH Datasheet HTML 19Page - Intersil Corporation ISL70003ASEH Datasheet HTML 20Page - Intersil Corporation ISL70003ASEH Datasheet HTML 21Page - Intersil Corporation ISL70003ASEH Datasheet HTML 22Page - Intersil Corporation ISL70003ASEH Datasheet HTML 23Page - Intersil Corporation ISL70003ASEH Datasheet HTML 24Page - Intersil Corporation ISL70003ASEH Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ISL70003ASEH
21
FN8746.0
August 5, 2015
Submit Document Feedback
Functional Description
The ISL70003ASEH is a monolithic synchronous buck regulator
IC with integrated power MOSFETs. The device utilizes
voltage-mode control with feed-forward and switches at a
nominal frequency of 500kHz or 300kHz. It is fabricated on a
0.6μm BiCMOS junction isolated process optimized for power
management applications. With this device and a handful of
external components, a complete synchronous buck DC/DC
converter can be readily implemented. The converter accepts an
input voltage ranging from 3V to 13.2V and provides a tightly
regulated output voltage ranging from 0.6V to ~90% of the input
voltage at output currents ranging from 0A to 9A. Typical
applications include Point Of Load (POL) regulation for FPGAs,
CPLDs, DSPs, DDR memory and microprocessors.
Power Blocks
The power output stage of the regulator consists of ten power
blocks that are paralleled to provide full 9A output current
capability at TJ = +125°C. The block diagram in Figure 44 shows
a top level view of the individual power blocks.
SEL1 and SEL2 pins allow users to disable power blocks in order
to reduce switching losses in light load applications. Depending
on the state of these pins the ISL70003ASEH can operate with 2,
4, or 10 active power blocks and also be placed in a sleep mode.
Each power block has a power supply input pin, PVINx, a phase
output pin, LXx and a power supply ground pin, PGNDx. All PVINx
pins must be connected to a common power supply rail and all
PGNDx pins must be connected to a common ground. LXx pins
should be connected to the output inductor based on the
required load current and the state of the SEL1, SEL2 pins, but
must include the LX5 and LX6 pins. The unused LXx pins should
be left unconnected.
Scaled pilot devices associated with power blocks 5 and 6
provide current feedback for overcurrent detection and the IMON
current monitor feature. Power blocks 5 and 6 must be
connected to the output inductor at all times for proper
operation.
Initialization
The ISL70003ASEH initializes based on the state of the EN input
and POR input. Successful initialization prompts a soft-start
interval and the regulator begins slowly ramping the output
voltage. Once the commanded output voltage is within the
proper window of operation, the power-good signal changes state
from low to high indicating proper regulator operation.
Enable
The EN pin accepts TTL/CMOS logic input as described in the
Electrical Specifications” table on page 11. When the voltage on
the EN pin exceeds its logic rising threshold, the controller
monitors the POR voltage before initiating the soft-start function
for the PWM regulator. When EN is pulled low, the device enters
shutdown mode and the supply current drops to a typical value of
1.5mA. All internal power devices are held in a high impedance
state while in shutdown mode. Due to the internal 5V clamp, the
EN pin should be driven no higher than 5V or excessive leakage
current may be seen on the pin. In standalone applications the
FIGURE 42. OVERCURRENT RESPONSE
FIGURE 43. HICCUP RESPONSE IN OCP
Typical Performance Curves Unless otherwise noted, Test platform is the ISL70003ASEHEV1Z where V
IN = 12V,
VOUT = 3.3V, IOUT = 3A, fSW = 500kHz, CIN = 4x 100µF + 5x1µF, LOUT = 3.3µH, COUT = 1x 150µF + 1µF, TCASE = +25°C, All outputs active. (Continued)
OUTPUT VOLTAGE, 2V/DIV
INDUCTOR CURRENT, 5A/DIV
LXx VOLTAGE, 5V/DIV
PGOOD, 10V/DIV
OUTPUT VOLTAGE, 2V/DIV
INDUCTOR CURRENT, 10A/DIV
LXx VOLTAGE, 5V/DIV
SS VOLTAGE, 2V/DIV
POWER BLOCK 6
PGND6
POWER BLOCK 7
POWER BLOCK 8
POWER BLOCK 1
POWER BLOCK 2
POWER BLOCK 3
PVIN6
PGND7
PVIN7
PGND8
PVIN8
PGND1
PVIN1
PGND2
PVIN2
PGND3
PVIN3
LX2
LX1
LX3
LX6
LX7
LX8
POWER BLOCK 4
POWER BLOCK 9
POWER BLOCK 5
POWER BLOCK 10
PGND4
PVIN4
PGND5
PVIN5
LX5
LX4
PVIN9
PVIN10
LX9
LX10
FIGURE 44. POWER BLOCK DIAGRAM
PGND9
PGND10
and OCPA
OCPB and IMON
Note: Shaded blocks indicate pilot current and current sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com