Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT374 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT374
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT374 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54FCT374 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 5Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 6Page - National Semiconductor (TI) 54FCT374 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Descriptions
Pin
Description
Names
D
0–D7
Data Inputs
CP
Clock Pulse Input (Active
Rising Edge)
OE
TRI-STATE Output Enable
Input (Active LOW)
O
0–O7
TRI-STATE Outputs
Functional Description
The ’FCT374 consists of eight edge-triggered flip-flops with
individual D-type inputs and TRI-STATE true outputs. The
buffered clock and buffered Output Enable are common to all
flip-flops. The eight flip-flops will store the state of their indi-
vidual D inputs that meet the setup and hold time require-
ments on the LOW-to-HIGH Clock (CP) transition. With the
Output Enable (OE) LOW, the contents of the eight flip-flops
are available at the outputs. When OE is HIGH, the outputs
are in a high impedance state. Operation of the OE input
does not affect the state of the flip-flops.
Function Table
Inputs
Internal
Outputs
Function
OE
CP
D
Q
O
H
H
L
NC
Z
Hold
H
H
H
NC
Z
Hold
H
N
L
L
Z
Load
H
N
H
H
Z
Load
L
N
L
L
L
Data Available
L
N
H
H
H
Data Available
L
H
L
NC
NC
No Change in Data
L
H
H
NC
NC
No Change in Data
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
N = LOW-to-HIGH Transition
NC = No Change
Logic Diagram
DS100964-3
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com