Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8512-7 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT8512-7
Description  ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8512-7 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT8512-7 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8512-7 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SCD8512 Rev D 11/14/08
Aeroflex Plainview
PIN NUMBERS & FUNCTIONS
ACT8512 – 96 Leads Ceramic QUAD Flat Pack
Pin #
Function
Pin #
Function
Pin #
Function
1
A2
33
CH11
65
CH33
2
NC
34
GND
66
CH32
3
A3
35
CH12
67
Output I(32-47)
4
NC
36
GND
68
Output V(32-47)
5
EN 0-15
37
CH13
69
Output I(16-31)
6
NC
38
GND
70
Output V(16-31)
7
CH0
39
CH14
71
GND
8
GND
40
GND
72
GND
9
CH1
41
CH15
73
CH31
10
GND
42
GND
74
CH30
11
CH2
43
NC
75
CH29
12
GND
44
+VEE
76
CH28
13
CH3
45
NC
77
CH27
14
GND
46
-VEE
78
CH26
15
CH4
47
NC
79
CH25
16
GND
48
VREF
80
CH24
17
CH5
49
NC
81
CH23
18
GND
50
CASE GND
82
CH22
19
CH6
51
CH47
83
CH21
20
GND
52
CH46
84
CH20
21
CH7
53
CH45
85
CH19
22
GND
54
CH44
86
CH18
23
GND
55
CH43
87
CH17
24
GND
56
CH42
88
CH16
25
Output V(0-15)
57
CH41
89
GND
26
Output I(0-15)
58
CH40
90
GND
27
CH8
59
CH39
91
EN 32-47
28
GND
60
CH38
92
EN 16-31
29
CH9
61
CH37
93
A0
30
GND
62
CH36
94
NC
31
CH10
63
CH35
95
A1
32
GND
64
CH34
96
NC
NOTE: It is recommended that all "NC" or "no connect pin" be grounded. This eliminates or minimizes any ESD or
static buildup.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com