Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY13 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 45Page - ATMEL Corporation ATTINY13 Datasheet HTML 46Page - ATMEL Corporation ATTINY13 Datasheet HTML 47Page - ATMEL Corporation ATTINY13 Datasheet HTML 48Page - ATMEL Corporation ATTINY13 Datasheet HTML 49Page - ATMEL Corporation ATTINY13 Datasheet HTML 50Page - ATMEL Corporation ATTINY13 Datasheet HTML 51Page - ATMEL Corporation ATTINY13 Datasheet HTML 52Page - ATMEL Corporation ATTINY13 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 169 page
background image
49
ATtiny13
2535B–AVR–01/04
MCU Control Register –
MCUCR
• Bits 7, 2– Res: Reserved Bits
These bits are reserved bits in the ATtiny13 and will always read as zero.
• Bit 6 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn
and PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01).
See “Configuring the Pin” on page 42 for more details about this feature.
Alternate Functions of Port B
The Port B pins with alternate function are shown in Table 21.
Notes:
1. Reset pin, debugWire I/O, ADC Input channel, or Pin Change Interrupt.
2. ADC Input channel or Pin Change Interrupt.
3. ADC Input channel, Clock Input, or Pin Change Interrupt.
4. Serial Clock Input, Timer/Counter Clock Input, ADC Input Channel 0, or Pin Change
Interrupt.
5. Serial Data Input, Analog Comparator Negative Input, Output Compare and PWM
Output B for Timer/Counter, External Interrupt 0 or Pin Change Interrupt.
6. Serial Data Output, Analog Comparator Positive Input, Output Compare and PWM
Output A for Timer/Counter, or Pin Change Interrupt.
Table 22 and Table 23 on page 50 relate the alternate functions of Port B to the overrid-
ing signals shown in Figure 24 on page 47.
Bit
7
6
5
4
3
2
1
0
–PUD
SE
SM1
SM0
–
ISC01
ISC00
MCUCR
Read/Write
R
R/W
R/W
R/W
R/W
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 21. Port B Pins Alternate Functions
Port Pin
Alternate Function
PB5
RESET/dW/ADC0/PCINT5(1)
PB4
ADC2/PCINT4(2)
PB3
ADC3/CLKI/PCINT3(3)
PB2
SCK/ADC1/T0/PCINT2(4)
PB1
MISO/AIN1/OC0B/INT0/PCINT1/RXD(5)
PB0
MOSI/AIN0/OC0A/PCINT0/TXD(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com