Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1524 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS1524 Datasheet HTML 11Page - Integrated Circuit Systems ICS1524 Datasheet HTML 12Page - Integrated Circuit Systems ICS1524 Datasheet HTML 13Page - Integrated Circuit Systems ICS1524 Datasheet HTML 14Page - Integrated Circuit Systems ICS1524 Datasheet HTML 15Page - Integrated Circuit Systems ICS1524 Datasheet HTML 16Page - Integrated Circuit Systems ICS1524 Datasheet HTML 17Page - Integrated Circuit Systems ICS1524 Datasheet HTML 18Page - Integrated Circuit Systems ICS1524 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
ICS1524
ICS1524 Rev C 01/31/2003
.
Specific Layout Guidelines
1. Digital Supply (VDD) – Bypass pin 1 (VDD) to pin 2 (VSS) a 0.1-µF capacitor, located as close as possible to the pins. A
0.01-µF capacitor may be added for additional high frequency rejection.
2. External Loop Filter – Strongly recommended in All Designs. Locate loop filter components as close to pins 8 and 9
(EXTFIL and EXTFILRET) as possible with minimum length traces. Typical loop filter values are 6.8K Ohms for the series
resistor, 3300 pF RF-type capacitor for the series capacitor, and 33 pF for the shunt capacitor. (For details, see the Frequently
Asked Questions part of the ICS1523 Applications Guide, FAQ2 and FAQ3.) A ground isolated, surface trace can be useful to
isolate this section from the rest of the board.
3. Analog PLL Supply (VDDA) – Decouple main VDD from pin 10 (VDDA) with a series ferrite bead. Bypass the supply end of
the bead with 4.7-µF. Bypass pin 10 to pin 11 (VSSA) with a 0.1-µF capacitor. A 0.01-µF capacitor may be added for additional
high frequency rejection. Locate these components as close as possible to the pins.
4. PECL Current Set Resistor – Locate PECL current-set resistor as close as possible to pin 24 (IREF). Bypass pin 24 to
ground with a 0.1-µF capacitor.
5. PECL Outputs – Implement these outputs as microstrip transmission lines. The trace widths shown are for 75 Ohm charac-
teristic impedance. Locate any optional series “snubbing” resistors as close as possible to the source pins. If the termination
resistors are included on-board, locate them as close as possible to the load and connect directly to the power and ground
planes.
[These termination resistors are omitted if the load device implements them internally. For details, see the ICS application
note on microstrip and striplines (1572AN1) and within the ICS1523 Applications Guide, the application note on Designing
a Custom Interface for the ICS1523 (1523AN4.)]
6. Output Driver Supply – Bypass pin 18 (VDDQ) to pin 19 (VSSQ) with a 0.1-µF capacitor, located as close as possible to the
pins. A 0.01-µF capacitor may be added for additional high frequency rejection.
7. SSTL_3 Outputs – SSTL_3 outputs can be used like conventional CMOS rail-to-rail logic or as a terminated transmission
line system at higher-output frequencies. With terminated outputs, the considerations of item 5, “PECL Outputs” apply. See
JEDEC documents JESD8-A and JESD8-8.
General Layout Guidelines
• Use a PC board with at least four layers: one power, one ground, and two signal.
• Use at least one 4.7 uF Tantalum (or similar) capacitor for global VDD bulk decoupling.
• All supply voltages must be supplied from a common source and must ramp together.
• Any flux or other board surface debris can degrade the performance of the external loop filter.
• Ensure that the 1524 area of the board is free of contaminants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com