Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5000B-18 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # FS5000B-18
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS5000B-18 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  FS5000B-18 Datasheet HTML 1Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 2Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 3Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 4Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 5Page - Aeroflex Circuit Technology FS5000B-18 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
5
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS5000 Series
Frequency Synthesizer
STANDARD CHASSIS CONFIGURATION
Frequency Range and Resolution:
Model Number
Frequency
Range (GHz)
Frequency
Resolution
FS5000B-F
4.8 to 13.5
0.5 MHz
FS5000B-X
4.8 to 20
1 MHz
FS5000B-13
0.3 to 13.5
0.5 MHz
FS5000B-18
0.3 to 18.0
1 MHz
FS5000B-20
0.3 to 20.0
1 MHz
FS5000B-26.5
0.3 to 26.5
1 MHz
Switching Speed: <200 nanoseconds
Output Power:
+10 dBm (50 Ohms) nominal
Flatness:
±2 dB (±5°C of calibration temperature)
Amplitude Setting: Within 2 dB of final level <200 nanoseconds
Reference Oscillator:
Internal: 100 MHz Quartz Oscillator, 5 x10-8 per day after
30 days in normal operating environment
External Tuning Input:
±2 VDC, Pull Range ±100 Hz per Volt Nominal at 1 GHz
Frequency Accuracy and Stability:
Same as Reference Oscillator
Remote Programming Control Interfaces:
20 bits parallel BCD 1, 2, 4, 8 (1 MHz resolution)
Optional 44 bits parallel BCD 1, 2, 4, 8 (1 Hz resolution)
IEEE-488-1978
Phase Coherence:
Frequency steps of 50 MHz from 4.8 to 13.5 GHz
100 MHz steps from 13.5 GHz to 26.5 GHz (Finer steps possible
as special option - contact factory)
Spectral Purity:
Phase Noise:
Absolute SSB Phase Noise in dBc/Hz (includes noise of internal
reference)
Frequency
Offset
Carrier Frequency (GHz)
0.5
1.0
3.0
8.0
18.0
10 Hz
-86
-80
-71
-60
-55
100 Hz
-105
-85
-99
-90
-84
1 kHz
-110
-95
-110
-110
-102
10 kHz
-130
-120
-124
-120
-113
100 kHz
-140
-132
-128
-122
-115
1 MHz
-142
-139
-132
-123
-116
10 MHz
-143
-148
-140
-136
-130
100 MHz
-143
-150
-150
-138
-132
40 MHz
-147
-140
-134
-128
-122
Spurious and Harmonic Signals
Frequency
Range (GHz)
Harmonics
(dBc)
Spurious
(dBc)
Sub-Harmonics
(dBc)
0.3 - 2.4
-80
None
-50
2.4 - 4.8
-76
None
-50
4.8 - 13.5
-70
None
-50
13.5 - 20
-64
-60
-50
20 - 26.5
-64
-50
-50
Operating Temperature:
0° to 50 °C
Storage Temperature:
-20° to 85 °C
Power Requirements
FS5000B-18:120/220/240 VAC ±10%, 48 to 440 Hz,
320 Watts, 380 VA
Physical Dimensions:
Dimensions:
16.75” W x 5.22” H x 23.88” D
(42.55 x 13.66 x 60.66 cm)
Weight:
FS5000B-18: 55 lbs (24.9 kg)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com