Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX8562 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # MUX8562
Description  MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8562 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  MUX8562 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SCD8562 Rev A Preliminary 12/07/09
Aeroflex Plainview
Notes:
1. Package lid is internally connected to circuit ground (Pins 7, 8, 11, 21, 22, 35, 36, 46, 49, 50).
PIN NUMBERS & FUNCTIONS
MUX8562 – 56 Leads Ceramic QUAD Flat Pack
Pin #
Function
Pin #
Function
1
CH0
29
CH31
2
CH1
30
CH30
3
CH2
31
CH29
4
CH3
32
CH28
5
CH4
33
CH27
6
CH5
34
CH26
7
GND
35
GND
8
GND
36
GND
9
CH6
37
CH25
10
CH7
38
CH24
11
CASE GND
39
VREF
12
OUTPUT1 (0-15)
40
B3
13
EN 0-15
41
B2
14
A0
42
B1
15
A1
43
B0
16
A2
44
EN 16-31
17
A3
45
OUTPUT2 (16-31)
18
+VEE
46
GND
19
CH15
47
CH16
20
CH14
48
CH17
21
GND
49
GND
22
GND
50
GND
23
CH13
51
CH18
24
CH12
52
CH19
25
CH11
53
CH20
26
CH10
54
CH21
27
CH9
55
CH22
28
CH8
56
CH23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com