Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA323-8AI Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATMEGA323-8AI
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323-8AI Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATMEGA323-8AI Datasheet HTML 81Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 82Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 83Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 84Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 85Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 86Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 87Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 88Page - ATMEL Corporation ATMEGA323-8AI Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 247 page
background image
85
ATmega323(L)
1457G–AVR–09/03
Receiving Frames with 9 Data
Bits
If 9-bit characters are used (UCSZ=7) the ninth bit must be read from the RXB8 bit in
UCSRB before reading the low bits from the UDR. This rule applies to the FE, DOR,
and PE Status Flags as well. Read status from UCSRA, then data from UDR. Reading
the UDR I/O location will change the state of the receive buffer FIFO and consequently
the TXB8, FE, DOR and PE bits, which all are stored in the FIFO, will change.
The following code example shows a simple USART receive function that handles both
nine bit characters and the status bits.
Note:
1. The example code assumes that the part specific header file is included.
Assembly Code Example
(1)
USART_Receive:
; Wait for data to be received
sbis
UCSRA, RXC
rjmp
USART_Receive
; Get status and ninth bit, then data from buffer
in
r18, UCSRA
in
r17, UCSRB
in
r16, UDR
; If error, return -1
andi
r18,(1<<FE)|(1<<DOR)|(1<<PE)
breq
USART_ReceiveNoError
ldi
r17, HIGH(-1)
ldi
r16, LOW(-1)
USART_ReceiveNoError:
; Filter the ninth bit, then return
lsr
r17
andi
r17, 0x01
ret
C Code Example
(1)
unsigned int USART_Receive( void )
{
unsigned char status, resh, resl;
/* Wait for data to be received */
while ( !(UCSRA & (1<<RXC)) ) {};
/* Get status and ninth bit, then data */
/* from buffer */
status = UCSRA;
resh = UCSRB;
resl = UDR;
/* If error, return -1 */
if ( status & (1<<FE)|(1<<DOR)|(1<<PE) )
return -1;
/* Filter the ninth bit, then return */
resh = (resh >> 1) & 0x01;
return ((resh << 8) | resl);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com