Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5921 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5921
Description  RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5921 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5921 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SCD5921 Rev D 3/4/15
Aeroflex Plainview
Output ON Voltage
VON1VIN = 5 Volts, RL = 10K
4.8
5.1
V
VON2VIN = 5 Volts, RL = 1K
4.35
4.65
V
VON3VIN = 3.3 Volts, RL = 10K
3.2
3.4
V
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Address to Output Delay (ON, OFF)
TAHL
f = 10KHz, VIN = 5 Volts, RL = 10K
13
us
TALH
1
3
us
Output Slew Rate
TS
1.8
4
V/us
Enable to Output Delay
TONEN
f = 10KHz, VIN = 5 Volts, RL = 1K
0.8
2.5
us
TOFFEN
100
350
ns
ELECTRICAL PERFORMANCE CHARACTERISTICS (continued)
(TC = -55°C TO +125°C, +VCC = +5V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
TRUTH TABLE (CH0 – CH15)
A3
A2
A1
A0
EN
"ON" CHANNEL 1/
XX
XX
H
NONE
LLLL
L
CH0
LLL
H
L
CH1
L
L
H
L
L
CH2
L
L
H
H
L
CH3
L
H
L
L
L
CH4
L
H
L
H
L
CH5
L
H
H
L
L
CH6
L
H
H
H
L
CH7
H
LLL
L
CH8
H
L
L
H
L
CH9
H
L
H
L
L
CH10
H
L
H
H
L
CH11
H
H
L
L
L
CH12
H
H
L
H
L
CH13
H
H
H
L
L
CH14
HH
HH
L
CH15
1/ Between (CH0-CH15) and VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com