Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5928 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5928
Description  RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5928 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5928 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SCD5928 Rev D 3/4/14
Aeroflex Plainview
CH7
CH0
•
•
•
EN
VOUT
A2
A1
A0
MUX
8
VCC
NC_GND
CH3
CH2
CH1
CH0
EN
A0
GND
A1
A2
CH4
CH5
CH6
CH7
VOUT
5928
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BLOCK DIAGRAM
PACKAGE PIN-OUT
Pin
Signal Name
Definition
1VOUT
Output of Multiplexer.
2
CH7
Analog Input 8
3
CH6
Analog Input 7
4
CH5
Analog Input 6
5
CH4
Analog Input 5
6
A2
Address Bus (MSB)
7A1
Address Bus
8
GND
DC Supply Return.
9
A0
Address Bus (LSB)
10
EN
A Logic High will disable the Multiplexer
so that the output is high impedance.
11
CH0
Analog Input 1
12
CH1
Analog Input 2
13
CH2
Analog Input 3
14
CH3
Analog Input 4
15
NC_GND
Ground this pin to prevent ESD or Static
Buildup
16
VCC
DC Supply Voltage.
PIN-OUT DESCRIPTION
Notes:
1. Package and Lid are electrically isolated from signal pads.
2. It is recommended that the Lid and NC_GND pin be grounded.
This prevents any ESD or static buildup.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com