Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5964 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5964
Description  RadHard-by-Design RHD5964 Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5964 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5964 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SCD5964 Rev A Advanced 12/8/14
Aeroflex Plainview
TABLE 1: ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Input Voltage
VIN - GND
+6.0
V
Enable (EN)
VIN +0.4, GND -0.4
V
Lead Temperature (soldering, 10 seconds)
300
°C
Thermal Resistance, Junction to Case,
jc
3.5
°C/W
ESD Rating (per MIL-STD-883, Method 3015, Class 2)
2,000 - 3,999
V
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
TABLE 2: RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VIN
Input Supply Voltage
3.0 to 5.0
V
EN - High
Output Enabled
70% VIN
V
EN - Low
Output Disabled
30% VIN
V
TABLE 3: ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +VIN = +5.0V, unless stated otherwise)
RHD5964: 2.50V Precision Voltage Reference
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Quiescent Supply Current
IINQ
No Load
-
.625
1
mA
Reference Output Voltage
VREF
No Load
+25°C
2.45
2.5
2.55
V
Reference Temperature Co 3/REF TC
-25
35
ppm/°C
Reference Change with
Temperature 4/
REFT
-
0.45
0.63
%
Long Term Stability 5/
VREF/TIME
-
-
100
ppm
Power Supply Rejection Ratio
PSRR
45
-
-
dB
Reference Load Regulation
REFIL
IOUT = 0 -to- 1 mA
-
-
0.12
%/mA
Reference Short Circuit Current
IO(SINK)
Reference to VCC
-25
-50
-75
mA
IO(SOURCE)
Reference to GND
25
50
75
mA
Switching Characteristics
Turn on Time
TON
5% Settling, No Load
-
-
30
us
Notes:
1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ +25°C.
2/ Not tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
3/ Reference temperature coefficient is defined as the absolute value of the difference from the maximum and minimum voltage over the specified
temperature range, divided by the change in temperature and converted into ppm/°C.
4/ Reference change with temperature is defined as the absolute value of the difference from the maximum and minimum voltage over the specified
temperature range represented as a percentage.
5/ Not tested. Shall be guaranteed to specified limits after 1000hr life test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com