Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD8540 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD8540
Description  RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD8540 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD8540 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD8540 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8540 Rev A
RHD8540 64-Channel Analog Multiplexer
GENERAL DESCRIPTION
Aeroflex’s RHD8540 is a radiation hardened, single supply, 64-Channel Multiplexer MCM (multi-chip module). The
RHD8540 design uses specific circuit topology and layout methods to mitigate total ionization dose effects and single
event latchup. These characteristics make the RHD8540 especially suited for the harsh environment encountered in
Deep Space missions. It is available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack
(CQFP). It is guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534
Class K, the RHD8540 is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The RHD8540 consists of four, single supply, 16-Channel Multiplexers arranged as shown in the Block Diagram. The
RHD8540 design is inherently radiation tolerant.
The device will not latch with SEU events to above 100MeV-cm2/mg. Total dose degradation is minimal to above
1Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014 neutrons per cm2 range
are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU effects are application dependent.
A SECTION
Thirty-two (32) Kelvin measurement channels addressable by bus A0~A3, in two 16 channel blocks, each block
enabled separately. Each block connects the addressed channel to two outputs, "Output" and "Current". This technique
enables selecting and reading a remote resistive sensor without the multiplexer resistance being part of the
measurement. For grounded sensors, this is done by passing current to the sensor by means of the "Current" pin and
reading the resultant voltage (proportional to the sensor resistance) at the "Output" pin.
B SECTION
Thirty-two (32) channels addressable by bus B0~B3, in two 16 channel blocks, each block enabled separately. Each
block connects the addressed channel to one output. By paralleling the channel inputs and enables, this section can be
converted to act like one of the 16 channel blocks of the A section.
www.aeroflex.com/RHDseries
Standard Products
April 1, 2015
FEATURES
64 channels (32 Kelvin measurement channels) provided by six 16-channel multiplexers
Single power supply operation at +3.3V to +5V
Radiation performance
- Total dose:
>1Mrad(Si), Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune:
>100 MeV-cm2/mg
- Neutron Displacement Damage:
>1014 neutrons/cm2
Full military temperature range
Low power consumption < 33.6 mW
CMOS analog switching allows rail to rail operation and low switch impedance
Two address busses A(0-3) & B(0-3) and four enable lines afford flexible organization
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic
- 96 leads, 1.320"Sq x 0.200"Ht quad flat pack
- Weight - 15 grams max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
Datasheet
RadHard-by-Design
32-Channel Kelvin Measurement Configured


Similar Part No. - RHD8540

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
Bivar, Inc.
RHD-0700-1500-F9P67PR BIVAR-RHD-0700-1500-F9P67PR Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PD67PR BIVAR-RHD-0700-1500-F9PD67PR Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PS67PR BIVAR-RHD-0700-1500-F9PS67PR Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PZ67PR BIVAR-RHD-0700-1500-F9PZ67PR Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
More results

Similar Description - RHD8540

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
MUX8521 AEROFLEX-MUX8521 Datasheet
90Kb / 8P
MUX8521 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected Kelvin Measurement Configured
MUX8531 AEROFLEX-MUX8531 Datasheet
91Kb / 8P
MUX8531 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected Kelvin Measurement Configured
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com