Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2137 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2137
Description  IGBT Protection in AC or BLDC Motor Drives
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 7 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
Moto r
IR2 137
3Ph ase G ate
Driver with
IGBT
protection
uP
or
DSP
Figure 5: IR2137 Gate Driver with IGBT Overcurrent Protection
350ns ec
Fi lt er
2us ec
B l an ki ng
VB
HO P
LO P
DE S AT
VS
S o ft Sh utd o w n
Im pedence =
500 ohm s
S o ft Sh utd o w n
SSD
De s a t F a ult
H igh S ide G a te
Figure 6: IR2137 High Side Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com