Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT01VS33L Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT01VS33L
Description  UT01VS33L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS33L Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT01VS33L Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Shown in Figure 7 is an application to monitor and detect power supply over voltage through the use of the PFI pin. When the
voltage at the PFI input, (VTH) exceeds VREF, (0.6V) the PFO output transitions from low to high causing the MR output to
transition from high to low. This asserts a RESET indicating the voltage being monitored has exceeded the over voltage monitor
limit.
Figure 7. UT01VS33L Over Voltage Power Supply Monitoring and Reset
VDD
I/O
RESETB
uP
MR
1
2 VDD
PFI
3
7
6
8
WDI
WDO
RESET
R1
R2
GND
4
PFO 5
UT01VS33L
VTH_OV= (R1+R2)/R2 ) * VPFI
VPFI=0.6V +/‐ 25mV
VDD 3.3V
3.3V INV 
GATE
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com