Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT01VS50D Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT01VS50D
Description  UT01VS50D Voltage Supervisor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50D Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT01VS50D Datasheet HTML 4Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Shown in Figure 5 is an application for monitoring the under voltage of a power supply connected to a microprocessor or ASIC. If
the analog voltage monitored falls below the desired threshold value, the PFO output connected to the MR input will transition low
causing the RESET_OD output to be asserted low indicating an under voltage condition.
Shown in Figure 6 are two Voltage Supervisors configured to monitor both the 3.3V and 2.5V power supplies of a system. The
3.3V regulated supply is monitored by the PFI pin of the top Voltage Supervisor, while the 2.5 V regulated supply is monitored by
the PFI pin of the bottom Voltage Supervisor. The cross coupled connection of PFO to MR assures that RESET_OD will be
asserted when a brown out occurs on either the 3.3V or 2.5V regulated supplies.
Figure 5. UT01VS50D Under Voltage Monitor and Detection
1
2 VDD
PFI
3
7
6
8
WDI
R1
R2
GND
4
5
VDD
I/O
uP
RPU
RPU=(VDD/IOL)
VDD 5V
VTH= (R1+R2)/R2 ) * VPFI
VPFI=1.25V +/- 50mV
VIN_ANALOG
RESET
MR
WDO
PFO
RESET_OD
Figure 6. Under Voltage Monitoring and sequencing of 3.3V and 2.5V Power Supplies
MR
1
2 VDD
PFI
3
7
6
8
WDI
WDO
RESET_OD
R1
R2
GND
4
PFO 5
VTH= (R1+R2)/R2 ) * VPFI
VPFI=1.25V +/- 50mV
3.3V_REG
VOUT
VIN
EN
VREG 3.3V
VOUT
VIN
EN
VREG 2.5V
2.5V_REG
VDD 5V
MR
1
2 VDD
PFI
3
7
6
8
WDI
WDO
RESET_OD
GND
4
PFO 5
R3
R4
UT01VS50D
WDI OPEN
3.3V REG
LED
R6
2.5V REG
LED
R7
VDD_IO
VDD
RST
VTH= (R3+R4)/R4 ) * VPFI
VPFI=1.25V +/- 50mV
UT01VS50D
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com