Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C72P9 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C72P9 Datasheet HTML 1Page - Samsung semiconductor S3C72P9 Datasheet HTML 2Page - Samsung semiconductor S3C72P9 Datasheet HTML 3Page - Samsung semiconductor S3C72P9 Datasheet HTML 4Page - Samsung semiconductor S3C72P9 Datasheet HTML 5Page - Samsung semiconductor S3C72P9 Datasheet HTML 6Page - Samsung semiconductor S3C72P9 Datasheet HTML 7Page - Samsung semiconductor S3C72P9 Datasheet HTML 8Page - Samsung semiconductor S3C72P9 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
PRODUCT OVERVIEW
1–1
1
PRODUCT OVERVIEW
OVERVIEW
The S3C72P9 single-chip CMOS microcontroller has been designed for high performance using Samsung's
newest 4-bit CPU core, SAM47 (Samsung Arrangeable Microcontrollers).
With an up-to-896-dot LCD direct drive capability, flexible 8-bit and 16-bit timer/counters, and serial I/O interface,
the S3C72P9 offers an excellent design solution for a wide variety of applications which require LCD functions.
Up to 39 pins of the 100-pin QFP package can be dedicated to I/O. Eight vectored interrupts provide fast
response to internal and external events. In addition, the S3C72P9's advanced CMOS technology provides for
low power consumption and a wide operating voltage range.
The S3C72P9 is made by shrinking the KS57C21516. The S3C72P9 is comparable to KS57C21516, both in
function and in pin configuration except that S3C72P9 have a 32,768 ×8-bit ROM, 1056×4-bit RAM, 12 common
selectable and LCD contrast control function.
OTP
The S3C72P9 microcontroller is also available in OTP (One Time Programmable) version, S3P72P9. S3P72P9
microcontroller has an on-chip 32K-byte one-time-programmable EPROM instead of masked ROM. The
S3P72P9 is comparable to S3C72P9, both in function and in pin configuration.


Similar Part No. - S3C72P9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72P9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com