Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT04VS50P Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT04VS50P
Description  UT04VS50P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS50P Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT04VS50P Datasheet HTML 1Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 2Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 3Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 4Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 5Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS50P Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
VIN1
CDLY1
VOUT1
VOUT2
VOUT3
VOUT4
RESETB
RESET
Drivers
DELAY
RESET
DELAY
THRESHOLD
SELECT
LDO
VREF
+
-
VTH MONITOR
VIN2
DELAY
VIN3
DELAY
VIN4
CDLY2
CDLY3
CDLY4
INV
VDD
TH0
TH1
VDD_3V
CRESET
MRB
TOL
VSS
VDD
EN1
EN2
EN3
EN4
DELAY
+
-
+
-
+
-
OVSH
Figure 2. UT04VS50P Pin Configuration
1
2
3
4
5
6
7
8
9
28
27
26
25
24
23
22
21
20
19
18
17
15
16
11
12
13
14
10
UT04VS50P
EN1
VIN1
EN3
VIN3
VDD_3V
OVSH
TH1
TH0
TOL
EN2
VIN2
EN4
VIN4
VSS
VDD
VOUT1
CDLY1
VOUT3
CDLY3
MRB
INV
RESETB
CRESET
RESET
VOUT2
CDLY2
VOUT4
CDLY4
Figure 1. UT04VS50P Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com