Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI2500RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MI2500RW
Description  Compact, 25W, 2:1 Input Range DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2500RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MI2500RW Datasheet HTML 1Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 2Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 3Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Start up time is measured at nominal input and with a constant resistive load.
2. When measuring output ripple, it is recommended that an external 1 µF capacitor and 10 µF capacitor be connected in parallel from the +VOUT to the -VOUT pin for single output unis; or from each
output to common for dual output units..
3. Transient recovery is measured to within a 1% error band for a load step change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. Operation at no-load will not damage these units.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
An external resister may be added to adjust the converter output
on single output units.
To adjust the output UP, connect a 5%, 3W resistor between
the minus output pin (5) and the Vout trim pin (6). To adjust
the output DOWN, connect a 5%, 3W resistor between the plus
output pin (4) and the Vout trim pin (6).
The trim table at right gives suggested resistor values for
this adjustment.
External Trim
For heatsink option, add suffix “H” to model number (i.e. MI2512S-05RW-H)
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MI2512S-03RW
12
9.0 - 18.0
1,900
75
3.3
6,000
0.0
87
3.9
10,300
5,000
MI2512S-05RW
12
9.0 - 18.0
2,340
85
5.0
5,000
0.0
89
6.2
6,800
5,000
MI2512S-12RW
12
9.0 - 18.0
2,350
80
12.0
2,090
0.0
89
15.0
1,200
5,000
MI2512S-15RW
12
9.0 - 18.0
2,350
80
15.0
1,670
0.0
89
18.0
750
5,000
MI2512D-12RW
12
9.0 - 18.0
2,340
75
±12.0
±1,040
0.0
89
±15.0
±680
5,000
MI2512D-15RW
12
9.0 - 18.0
2,360
75
±15.0
±840
0.0
89
±18.0
±380
5,000
MI2524S-03RW
24
18.0 - 36.0
940
55
3.3
6,000
0.0
88
3.9
10,300
2,500
MI2524S-05RW
24
18.0 - 36.0
1,160
60
5.0
5,000
0.0
90
6.2
6,800
2,500
MI2524S-12RW
24
18.0 - 36.0
1,160
55
12.0
2,090
0.0
90
15.0
1,200
2,500
MI2524S-15RW
24
18.0 - 36.0
1,160
55
15.0
1,670
0.0
90
18.0
750
2,500
MI2524D-12RW
24
18.0 - 36.0
1,170
50
±12.0
±1,040
0.0
89
±15.0
±680
2,500
MI2524D-15RW
24
18.0 - 36.0
1,180
50
±15.0
±840
0.0
89
±18.0
±380
2,500
MI2548S-03RW
48
36.0 - 75.0
470
35
3.3
6,000
0.0
88
3.9
10,300
1,250
MI2548S-05RW
48
36.0 - 75.0
580
40
5.0
5,000
0.0
90
6.2
6,800
1,250
MI2548S-12RW
48
36.0 - 75.0
580
35
12.0
2,090
0.0
90
15.0
1,200
1,250
MI2548S-15RW
48
36.0 - 75.0
580
35
15.0
1,670
0.0
90
18.0
750
1,250
MI2548D-12RW
48
36.0 - 75.0
585
40
±12.0
±1,040
0.0
89
±15.0
±680
1,250
MI2548D-15RW
48
36.0 - 75.0
590
40
±15.0
±840
0.0
89
±18.0
±380
1,250
MI25xxS-03RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
k
MI25xxS-05RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
k
MI25xxS-12RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
351.00
157.50
93.00
60.75
41.40
28.50
19.29
12.37
7.00
2.70
k
MB25xxS-15RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com