Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC409 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 Datasheet(HTML) 1 Page - Texas Instruments

  CLC409 Datasheet HTML 1Page - Texas Instruments CLC409 Datasheet HTML 2Page - Texas Instruments CLC409 Datasheet HTML 3Page - Texas Instruments CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OBSOLETE
CLC409
www.ti.com
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
CLC409 Very Wideband, Low Distortion Monolithic Op Amp
Check for Samples: CLC409
1
FEATURES
DESCRIPTION
The CLC409 is a very wideband, DC coupled
2
•
350MHz Small Signal Bandwidth
monolithic operational amplifier designed specifically
•
-65/
−72dBc 2nd/3rd Harmonics (20MHz)
for wide dynamic range systems requiring exceptional
•
Low Noise
signal fidelity. Benefiting from TI's current feedback
architecture, the CLC409 offers a gain range of ±1 to
•
8ns Settling to 0.1%
±10 while providing stable, oscillation free operation
•
1200V/µs Slew Rate
without external compensation, even at unity gain.
•
13.5mA Supply Current (±5V)
With its 350MHz small signal bandwidth (VOUT =
•
60mA Output Current
2VPP), 10-bit distortion levels through 20MHz (RL =
100
Ω),
8-bit
distortion
levels
through
60MHz,
APPLICATIONS
2.2nV/
√Hz input referred noise and 13.5mA supply
current, the CLC409 is the ideal driver or buffer for
•
Flash A/D Driver
high speed flash A/D and D/A converters.
•
D/A Transimpedance Buffer
Wide dynamic range systems such as radar and
•
Wide Dynamic Range IF Amp
communication
receivers
requiring
a
wideband
•
Radar/Communication Receivers
amplifier offering exceptional signal purity will find the
•
DDS Post-Amps
CLC409's low input referred noise and low harmonic
and intermodulation distortion make it an attractive
•
Wideband Inverting Summer
high speed solution.
•
Line Driver
Constructed
using
an
advanced,
complimentary
bipolar process and TI's proven current feedback
architecture, the CLC409 is available in several
versions to meet a variety of requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-92034
Space level versions also available.
Figure 1. Harmonic Distortion vs. Load and
Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC409

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC409AJE NSC-CLC409AJE Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC409AJM5 NSC-CLC409AJM5 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC409AJP NSC-CLC409AJP Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC409ALC NSC-CLC409ALC Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
More results

Similar Description - CLC409

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com