Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC520 Datasheet(PDF) 2 Page - Picker Components

Part # PC520
Description  20 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC520 Datasheet(HTML) 2 Page - Picker Components

  PC520_15 Datasheet HTML 1Page - Picker Components PC520_15 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC520 Rev D 11/27/2015
2 of 2
PC520
PC520
DIMENSIONS (mm/inches)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
CHARACTERISTIC CURVES
COIL DATA
Coil Voltage
(VDC)
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Resistance ohms ± 10%
Rated
Max
360 mW
450 mW
600 mW
3
3.9
25
20
15
2.25
0.3
5
6.5
69
55.6
42
3.75
0.5
6
7.8
100
80
60
4.50
0.6
9
11.7
225
180
135
6.75
0.9
12
15.6
400
320
240
9.00
1.2
24
31.2
1600
1280
960
18.0
2.4
48
62.4
6400
5120
3840
36.0
4.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com