Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2060D Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # S2060D
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060D Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  S2060D Datasheet HTML 1Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 2Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 3Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 4Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 5Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 6Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 7Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 8Page - Applied Micro Circuits Corporation S2060D Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
RECEIVER DESCRIPTION
Whenever a signal is present, the receiver attempts
to recover the serial clock from the received data
stream. The S2060 searches the serial bit stream for
the occurrence of a positive polarity COMMA sync
pattern (0011111xxx positive running disparity) to
perform word synchronization. Once synchronization
on both bit and word boundaries is achieved, the
receiver provides the decoded data on its parallel
outputs.
Clock Recovery Function
Clock recovery is performed on the input data
stream. A simple state machine in the clock recovery
macro decides whether to acquire lock from the se-
rial data input or from the reference clock. The deci-
sion is based upon the frequency and run length of
the input serial data.
The lock to reference frequency criteria ensure that
the S2060 will respond to variations in the serial data
input frequency (as compared to the reference fre-
quency). The new lock state is dependent upon the
current lock state, as shown in Table 3. The run-
length criteria ensure that the S2060 will respond ap-
propriately and quickly to a loss of signal. The run-
length checker flags a condition of consecutive ones
or zeros across 12 parallel words. Thus, 119 or less
consecutive ones or zeros does not cause signal loss,
129 or more causes signal loss, and 120 – 128 may
or may not, depending on how the data aligns across
byte boundaries. If both the off-frequency detect test
and the run-length test is satisfied, the CRU will at-
tempt to lock to the incoming data.
In any transfer of PLL control between the serial
data and the reference clock, the RBC0 and RBC1
remain phase continuous and glitch free, assuring
the integrity of downstream clocking.
Reference Clock Input
The reference clock must be provided from a low
jitter clock source. The frequency of the received
data stream must be within 400 ppm of the reference
clock to ensure reliable locking of the receiver PLL.
A single reference clock is provided to both the
transmit and receive PLL's.
Data Output
The S2060 provides either framed or unframed par-
allel output data, determined by the state of
EN_CDET. With EN_CDET held ACTIVE, the S2060
will detect and align to the 8B/10B COMMA
codeword anywhere in the data stream. When
EN_CDET is INACTIVE, no attempt is made to syn-
chronize on any particular incoming character. The
S2060 will achieve bit synchronization within 250 bit
times and begin to deliver unframed parallel output
data words whenever it has received full transmis-
sion words. Upon change of state of the EN_CDET
input, the COM_DET output response will be de-
layed by a maximum of 3 byte times.
k
c
o
L
t
n
e
r
r
u
C
e
t
a
t
Se
t
a
t
S
e
t
a
t
S
e
t
a
t
Se
t
a
t
S
y
c
n
e
u
q
e
r
F
L
L
P
)
C
B
T
.
s
v
()
C
B
T
.
s
v
(
)
C
B
T
.
s
v
(
)
C
B
T
.
s
v
()
C
B
T
.
s
v
(
e
t
a
t
S
k
c
o
L
w
e
N
d
e
k
c
o
L
m
p
p
8
8
4
<d
e
k
c
o
L
m
p
p
2
3
7
o
t
8
8
4d
e
n
i
m
r
e
t
e
d
n
U
m
p
p
2
3
7
>d
e
k
c
o
l
n
U
d
e
k
c
o
l
n
U
m
p
p
4
4
2
<d
e
k
c
o
L
m
p
p
6
6
3
o
t
4
4
2d
e
n
i
m
r
e
t
e
d
n
U
m
p
p
6
6
3
>d
e
k
c
o
l
n
U
Table 3. Lock to Reference Frequency Criteria



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com