Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321AI Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB321AI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB321AI Datasheet HTML 1Page - Texas Instruments TUSB321AI Datasheet HTML 2Page - Texas Instruments TUSB321AI Datasheet HTML 3Page - Texas Instruments TUSB321AI Datasheet HTML 4Page - Texas Instruments TUSB321AI Datasheet HTML 5Page - Texas Instruments TUSB321AI Datasheet HTML 6Page - Texas Instruments TUSB321AI Datasheet HTML 7Page - Texas Instruments TUSB321AI Datasheet HTML 8Page - Texas Instruments TUSB321AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CC1
CC2
PORT
VBUS_DET
OUT2
OUT1
VDD
DIR
GND
ID
VBUS
Detection
VCONN
Power Rail
Controller
CURRENT_MODE
VCONN_FAULT
CC Logic
for Mode
Configuration
and Detection
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB321AI
SLLSER2 – OCTOBER 2015
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
1 Features
3 Description
The TUSB321AI device enables USB Type-C ports
1
USB Type-C™ Specification 1.1
with the configuration channel (CC) logic needed for
Backward Compatible with USB Type-C
Type-C ecosystems. The TUSB321AI device uses
Specification 1.0
the CC pins to determine port attach and detach,
Supports Up to 3 A of Current Advertisement
cable orientation, role detection, and port control for
Type-C current mode. The TUSB321AI device can be
through dedicated Current Mode pin
configured as a downstream facing port (DFP),
Mode Configuration
upstream facing port (UFP) or a dual role port (DRP)
Host Only – DFP (Source)
making it ideal for any application.
Device Only – UFP (Sink)
The TUSB321AI device when configured as a DRP
Dual Role Port – DRP
alternates configuration as a DFP or UFP according
to the Type-C Specifications. The CC logic block
Channel Configuration (CC)
monitors the CC1 and CC2 pins for pullup or
Attach of USB Port Detection
pulldown resistances to determine when a USB port
Cable Orientation Detection
has been attached, the orientation of the cable, and
Role Detection
the role detected. The CC logic detects the Type-C
current mode as default, medium, or high depending
Type-C Current Mode advertisement and
on the role detected. VBUS detection is implemented
detection (Default, Medium, High)
to determine a successful attach in UFP and DRP
VBUS Detection
modes.
VCONN Support for Active Cables
The device operates over a wide supply range and
Cable Detection and Direction Control
has low-power consumption. The TUSB321AI device
for External Switches
is available in industrial and commercial temperature
ranges.
Supply Voltage: 4.5 V to 5.5 V
Low Current Consumption
Device Information(1)
Industrial Temperature Range of –40 to 85°C
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB321AI
X2QFN (12)
1.60 mm × 1.60 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Host, Device, Dual Role Port Applications
the end of the data sheet.
Mobile Phones
Tablets and Notebooks
USB Peripherals
Simplified Schematic
Sample Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB321AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB321AI TI2-TUSB321AI Datasheet
801Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB321AI TI2-TUSB321AI Datasheet
807Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB321AIRWBR TI1-TUSB321AIRWBR Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB321AIRWBR TI2-TUSB321AIRWBR Datasheet
801Kb / 22P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
More results

Similar Description - TUSB321AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
logo
ON Semiconductor
NCP398 ONSEMI-NCP398 Datasheet
686Kb / 12P
USB Type-C VCONN Overvoltage Protection IC
August, 2016 ??Rev. 1
logo
Texas Instruments
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
USB Type-C CC Adapter with Vconn Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com