Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG1-0100P533 Datasheet(PDF) 3 Page - SICK AG

Part # ELG1-0100P533
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ELG1-0100P533 Datasheet(HTML) 3 Page - SICK AG

  ELG1-0100P533 Datasheet HTML 1Page - SICK AG ELG1-0100P533 Datasheet HTML 2Page - SICK AG ELG1-0100P533 Datasheet HTML 3Page - SICK AG ELG1-0100P533 Datasheet HTML 4Page - SICK AG ELG1-0100P533 Datasheet HTML 5Page - SICK AG ELG1-0100P533 Datasheet HTML 6Page - SICK AG ELG1-0100P533 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELG1-0100P533 | ELG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
Output load inductive
1 H
Initialization time
1 s
Dimensions (W x H x D)
34 mm x 187 mm x 29 mm
Housing material
Aluminum
Indication
LED
Synchronization
Optical
Enclosure rating
IP 65
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 700 g
Switching frequency
500 kHz
Front screen
PMMA
Output mode
Q dark switching 2)
1) Typical value.
2) Q = active, if at least one beam is interrupted, /Q = active, if all of the beams are free.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –40 °C ... +70 °C
Ambient light immunity
Indirect: ≤ 150,000 lx 1)
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 68-2-6)
Shock load
10 g / DIN EN 60068-2-29 / 16 ms
1) Sunlight.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com