Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3301 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SH3301
Description  USB-Adapt??SH3301 IC Converts PS/2 Data to USB
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3301 Datasheet(HTML) 6 Page - Semtech Corporation

  SH3301 Datasheet HTML 1Page - Semtech Corporation SH3301 Datasheet HTML 2Page - Semtech Corporation SH3301 Datasheet HTML 3Page - Semtech Corporation SH3301 Datasheet HTML 4Page - Semtech Corporation SH3301 Datasheet HTML 5Page - Semtech Corporation SH3301 Datasheet HTML 6Page - Semtech Corporation SH3301 Datasheet HTML 7Page - Semtech Corporation SH3301 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Copyright ©1999-2002 Semtech Corporation
SH3301-DS-101
www.semtech.com
6
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Ratings
Symbol
Value
Unit
Supply voltage
VDD
-0.3 to 6.5
V
Input and output voltage
VIN, VOUT
-0.3 to VDD +0.3
V
Current Drain per Pin
I
20
mA
(not including VSS or VDD)
Operating Temperature
TA
T low to T high
SH3301
-40 to +85
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD rating (human body model)
VESD
2.0
KV
DC Electrical Characteristics (TA = -40°C to +85°C, VDD = 4.0 V to 5.25V)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
4.0
5.0
5.25
V
Input high voltage
high
VIH
0.8 X VDD
VDD
V
low
VIL
VSS
0.2 x VDD
V
Output voltage (except D-, D+)
high (IOH=-200
µa)
VOH
VDD–1.0
V
low (IOL=1ma)
VOL
0.4
Output low current
(VOL=3V, only pins38, 39, 67)
IOL
815
23
mA
Input leakage current
high (all inputs except XIN, XOUT,
RESET, D+, D-)
ILIH13
µA
high (XIN, XOUT, RESET)
ILIH220
µA
low (all inputs except XIN, XOUT,
RESET, D+, D-)
ILIL1-3
µA
low (XIN, XOUT, RESET)
ILIL2
-20
µA
Output leakage current (all I/O pins
and output pins except D+, D-)
high
ILOH13
µA
low
ILOL
-3
µA
Supply current
Normal operation mode
IDD1
5.5
12
mA
Idle mode
IDD2
2.2
5
mA
Stop mode
IDD3
180
300
µA
Control Timing (TA = -40°C to +85°C, VDD = 4.0 V to 5.25V)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of Operation
Crystal Option
fOSC
6.0
MHz
External Clock Option
fosc
6.0
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com