Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4462D-7 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT4462D-7
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D-7 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT4462D-7 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4462D-7 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
www .aero f lex.co m
in fo-a ms@ aeroflex . com
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
SCD4462D Rev E 10/9/07
CONFIGURATIONS AND ORDERING INFORMATION
MODEL NO.
RECEIVER DATA LEVEL
CASE
SPECS.
ACT 4462D
Normally Low
Plug In
H009 (-55°C to +125°C)
MacAir/1553/1760 (-55°C to +125°C)
MIL-PRF-38534 Class H Processing
ACT 4462DI
Normally High
ACT 4462D-7
Normally Low
H009 & MacAir/1553/1760
Commercial flow, +25°C testing only
ACT 4462DI-7
Normally High
Note:
1. Reference Aeroflex ACT4444 for new 1553/McAir designs requiring a minature chip scale surface mount component
implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com