Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT64BS1X433 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT64BS1X433
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT64BS1X433 Datasheet HTML 1Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 2Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 3Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
 Interfaces to standard processor memory busses
 Single-chip interface to industry-standard asynchronous
SRAM and PROM memory devices
 Eliminates need for additional logic or FPGA
 I/O channels functional to 3.3V
 RON 5 Ohms typical
 Flat RON characteristics over channel voltage
 Propagation delay 187ps through switch
 Transmission gate technology allows for true bi-directional
operation
 Bus holders maintain output states on all 64 channels when
de-selected
 Logic power 1mW/MHz
 Independent 5-bit address decoding to select 1 of 32 devices
 Temperature range -55°C to 125°C
 Operational environment:
- Intrinsic total-dose: up to 300 krad(Si)
- SEL Immune: <100 MeV-cm2/mg @ 125°C
 Packaging options:
- 400-pin Ceramic Land Grid, Column Grid and Ball
Grid Array packages; 1mm pitch
 Standard Microcircuit Drawing 5962-TBD
- QML Q and V (pending)
APPLICATIONS
- Microprocessor interfaces that require large amounts of
memory
- High-speed applications or systems with large bus
capacitance
- Cost-sensitive applications that require bus isolation
without an expensive FPGA
INTRODUCTION
The UT64BS1X433 Matrix-A™ is a 64-Channel, 1:4 Bus
Switch, that provides bus isolation for up to four banks of 64
I/O connections. By providing bus isolation, the UT64BS1X433
can significantly reduce the amount of load capacitance seen by
a host processor and memory devices. The reduction in both
load capacitance and delay time significantly increase speed and
performance compared with a discrete logic or FPGA memory
interface solution.
The UT64BS1X433 operates from a single 3.3V supply. The
bus channels can pass any voltage between VSS and VDD,
allowing the switching of signals using other standards, such as
LVCMOS 1.8V.
The UT64BS1X433 has two modes of operation. In mode 0, the
device uses five address and one chip select line to electrically
connect the input bank to one of four output banks and generate
1 of 32 chip select outputs. In mode 1, the device uses eight
address and two chip select lines to independently control two
pairs of two banks with each bank pair controlled by one of the
two chip selects. Mode 1 allows the device to interface two
different types of memory having different address bus
configurations e.g. two PROM banks and two SRAM banks.
The input and output banks connect via analog channels that
have an RON that is nominally 5 Ohms over the entire input
voltage range. The flat RON eliminates the need to add external
series resistors for source impedance termination.
The UT64BS1X433 also provides logic to control up to eight
discrete devices per bank by providing eight individual chip
selects that are decoded using address lines ASEL[2:0] and
BSEL[2:0]. In a fully utilized configuration, the UT64BS1X433
can select up to 32 discrete devices and provide bus isolation to
each bank of eight devices. This makes the device ideally suited
for use with mutli-chip module memory devices, such as the
Aeroflex UT8R1/2/4M39 40/80/160Mbit family of SRAM
devices. Each UT64BS1X433 can interface up to four of the
Aeroflex 160Mb SRAM MCM devices with any Aeroflex
LEON processor without the need for additional logic.
Standard Products
UT64BS1X433 Matrix-A™ 64-Channel 1:4 Bus Switch
Preliminary Data Sheet
November 12, 2014
www.aeroflex.com/busswitch
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel


Similar Part No. - UT64BS1X433

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT6401 UTC-UT6401 Datasheet
257Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT6401G-AE3-R UTC-UT6401G-AE3-R Datasheet
328Kb / 5P
P-CHANNEL POWER MOSFET
UT6401G-AG6-R UTC-UT6401G-AG6-R Datasheet
257Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT6401G-AG6-R UTC-UT6401G-AG6-R Datasheet
328Kb / 5P
P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT6401L-AE3-R VBSEMI-UT6401L-AE3-R Datasheet
1Mb / 10P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - UT64BS1X433

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3390 PMC-PM3390 Datasheet
33Kb / 2P
Octal EXACT??Bus Switch Matrix
logo
STMicroelectronics
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
logo
ON Semiconductor
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
logo
STMicroelectronics
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
logo
Aeroflex Circuit Techno...
UT32BS1X833 AEROFLEX-UT32BS1X833 Datasheet
997Kb / 17P
UT32BS1X833 Matrix-DTM 32-Channel 1 - 8 Bus Switch
logo
Pericom Semiconductor C...
PI4MSD5V9545A PERICOM-PI4MSD5V9545A Datasheet
531Kb / 13P
4 Channel I2C bus Switch
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
4 Channel I2C bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com