Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3455 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3455
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455 Datasheet(HTML) 2 Page - Linear Technology

  LTC3455 Datasheet HTML 1Page - Linear Technology LTC3455 Datasheet HTML 2Page - Linear Technology LTC3455 Datasheet HTML 3Page - Linear Technology LTC3455 Datasheet HTML 4Page - Linear Technology LTC3455 Datasheet HTML 5Page - Linear Technology LTC3455 Datasheet HTML 6Page - Linear Technology LTC3455 Datasheet HTML 7Page - Linear Technology LTC3455 Datasheet HTML 8Page - Linear Technology LTC3455 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3455
2
3455f
VBAT, VMAX, USB Voltages ...........................– 0.3V to 6V
SW1, SW2 Voltages .................... – 0.3V to (VMAX+0.3V)
TIMER Voltage ............................. – 0.3V to (VMAX+0.3V)
PWRON, ON, ON2, HSON Voltages .............– 0.3V to 6V
PBSTAT, RST, CHRG, AO Voltages .............. – 0.3V to 6V
HSI, HSO Voltages .......................................– 0.3V to 6V
MODE, USBHP, SUSPEND Voltages ............– 0.3V to 6V
WALLFB, AI, PROG Voltages .......................– 0.3V to 2V
FB1, FB2 Voltages ........................................– 0.3V to 2V
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART
NUMBER
UF PART
MARKING
TJMAX = 125°C, θJA = 36°C/W, θJC = 2.5°C/W
EXPOSED PAD (PIN 25) IS GND
MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3455
LTC3455EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, VMAX = 3.6V, VPWRON = 2V, VON is open, VON2 = 0V,
VUSB = 0V, VWALLFB = 0V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Undervoltage Lockout Voltage
VBAT Rising
2.9
3.0
3.2
V
Battery Undervoltage Lockout Hysteresis
450
mV
VBAT Pin Quiescent Current (Note 3)
Burst Mode, Battery Powered
VON2 = VMODE = 1V, Not Switching
110
160
µA
PWM Mode, Battery Powered
VON2 = 1V, VMODE = 0V, Not Switching
500
800
µA
USB Powered
VUSB = 5V, Charger Off
10
20
µA
Wall Powered
VWALL = 1.5V, VMAX = 4.5V, Charger Off
10
20
µA
Shutdown
VPWRON = 0V, VMAX = 0V
2
4
µA
ON Pin Threshold
0.8
1.0
V
PWRON Pin Threshold
0.8
1.0
V
ON2 Pin Threshold
0.8
1.0
V
MODE Pin Threshold
0.8
1.0
V
WALLFB Pin Threshold Voltage
WALLFB Rising
q
1.20
1.23
1.26
V
WALLFB Pin Hysteresis
60
mV
ON Pin Pullup Current
VON = 1V
2.5
µA
PWRON Pin Pulldown Current
VPWRON = 1V
2.5
µA
ON2 Pin Pulldown Current
VON2 = 1V
2.5
µA
MODE Pin Pullup Current
VMODE = 1V
2.5
µA
WALLFB Pin Input Bias Current
VWALLFB = 1.35V
q
±1
±30
nA
PBSTAT Pin Low Voltage
VON = 0V, IPBSTAT = 100µA
0.02
0.10
V
VON = 0V, IPBSTAT = 1mA
0.20
0.35
V
RST Pin Low Voltage
IRST = 100µA
0.02
0.10
V
IRST = 1mA
0.20
0.35
V
RST Pulse Duration
After FB1 and FB2 in Regulation
200
ms
24
25
23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
FB1
PROG
TIMER
CHRG
USBHP
SUSPEND
FB2
AO
AI
HSON
HSO
HSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com