Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII150A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SII150A
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SII150A Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
2
Subject to Change without Notice
Absolute Maximum Conditions
Note: Permanent device damage may occur if absolute maximum conditions are exceeded.
Functional operation should be restricted to the conditions described under Normal Operating Conditions.
Symbol
Parameter
Min
Typ
Max
Units
V
CC
Supply Voltage 3.3V
-0.3
4.0
V
V
I
Input Voltage
-0.3
V
CC+ 0.3
V
V
O
Output Voltage
-0.3
V
CC+ 0.3
V
T
A
Ambient Temperature (with power applied)
-25
105
°C
T
STG
Storage Temperature
-40
125
°C
P
PD
Package Power Dissipation
1
W
Normal Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
V
CC
Supply Voltage
3.00
3.3
3.6
V
V
CCN
Supply Voltage Noise
100
mV
P-P
T
A
Ambient Temperature (with power applied)
0
25
70
°C
DC Digital I/O Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
High-level Input Voltage
2
V
V
IL
Low-level Input Voltage
0.8
V
V
OH
High-level Output Voltage
2.4
V
V
OL
Low-level Output Voltage
0.4
V
V
CINL
Input Clamp Voltage
1
I
CL = -18mA
GND -0.8
V
V
CIPL
Input Clamp Voltage
1
I
CL = 18mA
IVCC + 0.8
V
V
CONL
Output Clamp Voltage
1
I
CL = -18mA
GND -0.8
V
V
COPL
Output Clamp Voltage
1
I
CL = 18mA
OVCC + 0.8
V
I
IL
Input Leakage Current
-10
10
µA
Note:
1 Guaranteed by design. Voltage undershoot or overshoot cannot exceed absolute
maximum conditions for a pulse of greater than 3 ns or one third of the clock cycle.
DC Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OD
Differential Voltage
Single ended peak to peak amplitude
R
LOAD = 50 Ω
R
EXT_SWING = 510 Ω
R
EXT_SWING = 680 Ω
510
310
550
370
590
430
mV
mV
V
DOH
Differential High-level Output Voltage
1
AVCC
V
I
DOS
Differential Output Short Circuit Current
1
V
OUT = 0 V
5
µA
I
PD
Power-down Current
2
9mA
I
CCT
Transmitter Supply Current
IDCK = 112 MHz, 1-pixel/clock mode,
R
EXT_SWING = 510Ω, IVCC = VCC,
Typical Pattern
3
70
80
mA
IDCK = 112 MHz, 1-pixel/clock mode,
R
EXT_SWING = 510Ω, IVCC = VCC,
Worst Case Pattern
4
80
90
mA
Note:
1
Guaranteed by design.
2
Assumes all inputs to the transmitter are not toggling.
3
The Typical Pattern contains a gray scale area, checkerboard area, and text.
4
Black and white checkerboard pattern, each checker is one pixel wide.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com